| Electronic Components Datasheet Search |
|
MT8982 Datasheet(PDF) 6 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
MT8982 Datasheet(HTML) 6 Page - Mitel Networks Corporation |
|
6 / 14 page ![]() MT8982 ISO-CMOS 2-36 Figure 4 - Internal Memory Access Windows Channel 31 Channel 0 C4 F0i Microport Mode Serial Port Mode Wr DM Link 0 Ch 31 Bit 0 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Wr DM Link 1 Ch 31 Wr CM Link 0 Ch 31 Rd DM Link 1 Ch 1 Rd CM Link 1 Ch 1 Rd DM Link 0 Ch 1 Rd CM Link 0 Ch 1 Wr CM Link 1 Ch 31 µP µP channels and is not dependent on the input and output streams. The delays are given in Table 3. The maximum delay is one frame plus one channel; the minimum delay is two channels. Table 3. Input Channel to Output Channel Delay Times The following delays apply to writing data to the Connect Memory in message mode. For stream 0, data must be written to a Connect Memory location at least one timeslot before the corresponding output channel or the output data will be delayed by one frame. For stream 1, data must be written at least two timeslots before the output channel or the output data will be delayed by one frame. Device Programming Microport Mode In serial microport mode, the MT8982 is programmed and read using microcycles which consist of a command/address byte followed by a data byte. The Command/Address Byte is shown in Table 1. Bits 0 and 1 are the command bits (Cmd0-1), and are used to indicate the type of microcycle access. The microcontroller can read the Data Memory, read or write the Connect Memory, and set per-channel message or connection mode. Bits 2 to 6 of the command/address byte (Ch0-Ch4) correlate to a channel on a TDM stream (0-31). Bit 7 (STREAM) correlates to stream 0 or stream 1. These bits address the corresponding Data Memory or Connect Memory location. The microcycle operations selected by the command/address byte are as follows: Read Connect Memory (Cmd0-1: 0,0) Bits 0 to 7 of the addressed Connect Memory location will be transmitted to the microcontroller in the following data byte. Depending on what the last Connect Memory write mode was, the data transmitted could be a message byte or a Connection Mode data byte. Input Channel Output Channel Delay n m = n, n+1 m- n + 32 channels n m > n+1 m- n channels n m < n 32- (n-m) channels |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |