Electronic Components Datasheet Search
  English  ▼

X  

MT8986AC Datasheet(PDF) 21 Page - Mitel Networks Corporation

Part # MT8986AC
Description  CMOS ST-BUS??FAMILY Multiple Rate Digital Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8986AC Datasheet(HTML) 21 Page - Mitel Networks Corporation

Back Button MT8986AC Datasheet HTML 17Page - Mitel Networks Corporation MT8986AC Datasheet HTML 18Page - Mitel Networks Corporation MT8986AC Datasheet HTML 19Page - Mitel Networks Corporation MT8986AC Datasheet HTML 20Page - Mitel Networks Corporation MT8986AC Datasheet HTML 21Page - Mitel Networks Corporation MT8986AC Datasheet HTML 22Page - Mitel Networks Corporation MT8986AC Datasheet HTML 23Page - Mitel Networks Corporation MT8986AC Datasheet HTML 24Page - Mitel Networks Corporation MT8986AC Datasheet HTML 25Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
MT8986
2-83
throughput
delay
is
guaranteed.
For
such
applications,
the
MT8986
device
allows
cost
effective implementations of Non-Blocking matrices
ranging up to 1024 channels. Figures 12 and 13
show the block diagram of implementations with
Non-Blocking capacities of 512 and 1024-channel,
respectively.
Interfacing MT8986 with 8051
The Intel 8051 is a very cost effective solution for
many applications that do not require a large CPU
interaction and processing overhead. However, in
applications where 8051 is connected to peripherals
operating on a synchronous 8 kHz time-base like the
MT8986, some connectivity issues have to be
addressed. The MT8986 may hold the CPU read/
write cycle due to internal contention between the
MT8986 microport and the internal serial to parallel
and parallel to serial converters. Since the 8051
family of CPUs do not provide Data Ready type of
inputs,
some
external
logic
and
software
intervention have to be provided between the
MT8986 and the 8051 microcontrollers to allow read/
write operation. The external logic described in
Figure 14 is a block diagram of a logical connection
between MT8986 and 8051. Its main function is to
store the 8051 data during a write and the MT8986
data during a read.
For a write, MT8986 address is latched by the
internal address latch on the falling edge of the ALE
input. Whenever a read or write operation is done to
the MT8986 device, the address decoded signal
(MTA) is used to latch or "freeze" the state of RD,
WR, and the ALE signals, until the data acknow-
ledge output signal is provided by the MT8986
device, releasing the latches for a new read/write
cycle. Latch U5 is used to hold the 8051 data for a
write until the CPU is ready to accept it (when DTA
Figure 12 - 512-Channel Non-Blocking Switch Matrix with Serial Streams at 2.048 or 4.096 Mb/s
Figure 13 - 1024-Channel Non-Blocking Switch Matrix with Serial Streams at 2.048 Mb/s
IN
OUT
16 Streams
@2.048 Mb/s
8 Streams
@2.048 Mb/s
8 Streams
@2.048 Mb/s
16
8
8
MT8986
MT8986
512 x 256
512 x 256
IN
OUT
8 Streams
@4.096 Mb/s
4 Streams
@4.096 Mb/s
4 Streams
@4.096 Mb/s
8
4
4
MT8986
MT8986
512 x 256
512 x 256
IN
IN
16 Streams
@2.048 Mb/s
16 Streams
@2.048 Mb/s
MT8986
512 x 256
MT8986
512 x 256
MT8986
512 x 256
MT8986
512 x 256
MT8986
512 x 256
MT8986
512 x 256
MT8986
512 x 256
MT8986
512 x 256
8 Streams
@2.048 Mb/s
8 Streams
@2.048 Mb/s
8 Streams
@2.048 Mb/s
8 Streams
@2.048 Mb/s
OUT
OUT
16
16
8
8
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com