Electronic Components Datasheet Search
  English  ▼

X  

CDT3441 Datasheet(PDF) 7 Page - BOWIN ELECTRONIC CO.

Part # CDT3441
Description  3 LED 雍멨눣?㎩댍IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3441 Datasheet(HTML) 7 Page - BOWIN ELECTRONIC CO.

  CDT3441 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. CDT3441 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. CDT3441 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. CDT3441 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. CDT3441 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. CDT3441 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. CDT3441 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. CDT3441 Datasheet HTML 8Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CDT3241 ---
7
CDT3441
P. 7
3 LED 輸出控制 IC
(2).升壓線路 == 全亮 時
R 值 及 L 值 – 請試用
(參考值: R = 客戶自調 L = 560µH)
3VDC
4.5V 白色 LED
CHOKE
8050
L( 560µH)
CDT3441
LAMP
L1
L2
L3
VSS
KEY
CLOCK
---
VDD
CdS
TEST
OPT2
OPT1
OSCO
OSCI
---
R
3.0VDC
4.5V 白色 LED
CHOKE
8050
L( 560µH)
R
VDD
CLOCK
VSS
3441CLK
XXXX
※
※
※
※ VSS pin = CdS +VSS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com