Electronic Components Datasheet Search
  English  ▼

X  

ENG3096V Datasheet(PDF) 2 Page - BOWIN ELECTRONIC CO.

Part # ENG3096V
Description  6/12-LED LOTTO GAME IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

ENG3096V Datasheet(HTML) 2 Page - BOWIN ELECTRONIC CO.

  ENG3096V Datasheet HTML 1Page - BOWIN ELECTRONIC CO. ENG3096V Datasheet HTML 2Page - BOWIN ELECTRONIC CO. ENG3096V Datasheet HTML 3Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-3096 ---
2
M3096V
P. 2
6/12-LED LOTTO GAME IC
I
I
I
I IC bonding pad diagram
I
I
I
I 16 pin DIP package
I Pin description
Pad
DIP
Symbol
Function
1
5
LCN
Center LED output
2
3
4
5
6
7
6
7
8
9
10
11
K2/L6
L5
L4
L3
L2
L1
SW2 key input or LED6/LED12 output
LED5/LED11 output
LED4/LED10 output
LED3/LED9
output
LED2/LED8
output
LED1/LED7
output
8
12
Vss
Negative power supply
9
10
13
14
BZ1
BZ2
Buzzer output port 1
Buzzer output port 2
11
15
5/6
5(10)/6(12) LED output selection pin
12
16
K1
SW1 key input
13
14
--
--
TEST1
TEST2
Test pin (internal use)
Test pin (internal use)
15
1
Vdd
Positive power supply
16
17
2
3
LP
RP
Left output
Right output
17
16
15
14
9
KP
LP
TS2
VDD
1
1
LCN
10
11
5/6
BZ2
BZ1
M3096V
1870 x 1880 μm
M3096V
VDD
K1
LP
5/6
RP
BZ2
TRIG
BZ1
LCN
VSS
K2/L6
L1
L5
L2
8
L4
9
L3
1
16
2
15
3
14
4
13
5
12
6
11
7
10
13
TS1
1
2
K2/L6
1
3
L5
1
4
L4
1
5
L3
1
6
L2
1
7
L1
1
8
VSS
12
K1
IC substrate Vdd



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com