Electronic Components Datasheet Search
  English  ▼

X  

ENG7230 Datasheet(PDF) 1 Page - BOWIN ELECTRONIC CO.

Part # ENG7230
Description  VOLTAGE DETECTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

ENG7230 Datasheet(HTML) 1 Page - BOWIN ELECTRONIC CO.

  ENG7230 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. ENG7230 Datasheet HTML 2Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDT7230 --- 1
CDT7230
P 1
VOLTAGE DETECTOR
■
■
■
■
THE CDT7230 SERIES
1. Non-adjusting voltage detector by using CMOS Technology, 2.0-15.0VDC operating range.
2. The detecting voltage is fixed internally, and can be changed by new masking.
3. Composed of Standard Voltage Source, a Comparator, a Hysteresis Circuit, and an Output
Driver.
4. Output Structure is a N-ch Open-Drain Output.
5. Normally LED is off. It will turn on when voltage is low.
■
■
■
■
FEATURES
■
■
■
■
PACKAGE
Low Power Consumption
Chip Form
Low Temperature Coefficient
T0-92
Built-in Hysteresis Characteristic
SOT-89
Built-in High-Stability Reference Source
■
APPLICATIONS
■
PRODUCTS LIST
Battery Checker
Part No.
Min.
Typ.
Max.
Hys. Width Mark
Level Selector
CDT7230-01
2.15V
2.235
2.32V
0.112V
2235
Power Failure Detector
CDT7230-02
2.35V
2.450
2.53V
0.123V
2450
Micro Computer Reset
CDT7230-02B 2.23V
2.300
2.37V
0.115V
2300
Battery Backup of Memories
CDT7230-03
2.45V
2.545
2.64V
0.128V
2545
CDT7230-03C 2.62V
2.700
2.78V
0.135V
2700
*CDT7230-04
3.90V
Pilot run
*CDT7230-05
4.56V
4.70
4.84
0.235V
4700
■
■
■
■
PIN ARRANGEMENT
A. Chip form
B. T0-92 (Front View)
C. SOT-89 (Front View)
DT
其朋半導體股份有限公司
Chip Design Technology
Inc.
March 14, 2000
VDD VSS
LED
CDT7230
66 x 54 Mil
●
LED
LED
VDD VSS
LED VDD
VSS
LED
VDD VSS
LED VDD VSS
2545
2545
IC substrate to VDD
(Bottom View)
(Bottom View)
(IC=CDT7230-3)
(IC=CDT7230-3)


Similar Part No. - ENG7230

ManufacturerPart #DatasheetDescription
logo
BOWIN ELECTRONIC CO.
ENG7350 BOWIN-ENG7350 Datasheet
118Kb / 6P
10-OUTPUT CONTROLLER IC
More results

Similar Description - ENG7230

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
VOLTAGE DETECTOR
logo
TelCom Semiconductor, I...
TC54 TELCOM-TC54 Datasheet
50Kb / 3P
VOLTAGE DETECTOR
logo
TOKO, Inc
TK610XX TOKO-TK610XX Datasheet
52Kb / 8P
VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
VOLTAGE DETECTOR
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
Voltage Detector
2007
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
VOLTAGE DETECTOR
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
VOLTAGE DETECTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com