Electronic Components Datasheet Search
  English  ▼

X  

LS3010 Datasheet(PDF) 1 Page - BOWIN ELECTRONIC CO.

Part # LS3010
Description  LED 4-bit MCU
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS3010 Datasheet(HTML) 1 Page - BOWIN ELECTRONIC CO.

  LS3010 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS3010 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS3010 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS3010 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS3010 Datasheet HTML 5Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LSI
LS3010
LED 4-bit MCU
Features
* 5 LED direct drive.
* 4KHz/2KHz buzzer output.
* 6 input.
* 256 word program control.
* 16 x 4 bit RAM.
* Low power consumption
* 32768 Crystal oscillator/RC oscillator
* 1.5V or 3.0V operation.
General Description
The LS3010 is a simple micro-controller for LED application. Internal ROM of 256x12, RAM
16x4. It has 5 direct LED output. Oscillator is RC/Crystal selected bonding option.
Direct buzzer
output.


Similar Part No. - LS3010

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS301 LINEAR-LS301 Datasheet
29Kb / 2P
HIGH VOLTAGE SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
logo
Micross Components
LS301 MICROSS-LS301 Datasheet
276Kb / 1P
Linear Systems High Voltage Super-Beta Monolithic Dual NPN
logo
Linear Integrated Syste...
LS301-3 LINEAR-LS301-3 Datasheet
29Kb / 2P
HIGH VOLTAGE SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
logo
BOWIN ELECTRONIC CO.
LS3013 BOWIN-LS3013 Datasheet
57Kb / 4P
4 LED controller
logo
Linear Integrated Syste...
LS301 LINEAR-LS301_14 Datasheet
178Kb / 2P
HIGH VOLTAGE SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
More results

Similar Description - LS3010

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10R167 STMICROELECTRONICS-ST10R167 Datasheet
412Kb / 63P
16-BIT ROMLESS MCU
Aug-1999
logo
Hynix Semiconductor
GDC21D601 HYNIX-GDC21D601 Datasheet
4Mb / 189P
32-Bit RISC MCU
logo
Taiwan Memory Technolog...
T81L0003B TMT-T81L0003B Datasheet
100Kb / 16P
8-bit MCU
T81L0010A TMT-T81L0010A Datasheet
99Kb / 15P
8-bit MCU
T81L0010A TMT-T81L0010A_06 Datasheet
104Kb / 17P
8-bit MCU
logo
Renesas Technology Corp
RX610 RENESAS-RX610 Datasheet
1Mb / 8P
32-Bit MCU
logo
STMicroelectronics
ST10R167-Q3 STMICROELECTRONICS-ST10R167-Q3 Datasheet
622Kb / 63P
16-BIT ROMLESS MCU
Aug-1999
logo
Renesas Technology Corp
RA4W1 RENESAS-RA4W1 Datasheet
1Mb / 105P
32-Bit MCU
logo
ELAN Microelectronics C...
EM78P803A EMC-EM78P803A Datasheet
1Mb / 41P
8-bit MCU
EM78P803B EMC-EM78P803B Datasheet
543Kb / 44P
8-bit MCU
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com