Electronic Components Datasheet Search
  English  ▼

X  

MT90710AP Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT90710AP
Description  High-Speed Isochronous Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90710AP Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT90710AP Datasheet HTML 1Page - Mitel Networks Corporation MT90710AP Datasheet HTML 2Page - Mitel Networks Corporation MT90710AP Datasheet HTML 3Page - Mitel Networks Corporation MT90710AP Datasheet HTML 4Page - Mitel Networks Corporation MT90710AP Datasheet HTML 5Page - Mitel Networks Corporation MT90710AP Datasheet HTML 6Page - Mitel Networks Corporation MT90710AP Datasheet HTML 7Page - Mitel Networks Corporation MT90710AP Datasheet HTML 8Page - Mitel Networks Corporation MT90710AP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MT90710
Preliminary Information
5-4
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
1VSS
Power Supply Ground. Nominally 0 volts.
2VDD
Positive Power Supply. Nominally 5 volts.
3STo7
Serial, 32 Channel, 2.048 Mb/s Link 7 (Output Type 3). Only channels 9 - 31 are
available for user data transfer (1.474 Mb/s). Channels 0 - 8 (0.576 Mb/s) are reserved
for access to fiber overhead information. Output is active only when the receiver
detects the synchronization pattern on RxDATA input stream; output is high impedance
during loss of synchronization.
4
DOUT8K0
Asynchronous 8 kHz Signal 0 (Output Type 3). Sourced from the far-end DIN8K0
input.
5
DOUT8K1
Asynchronous 8 kHz Signal 1 (Output Type 3). Sourced from the far-end DIN8K1
input.
6
C20o
20.48 MHz Clock (Output Type 3). Derived from transmit PLL 40.96 MHz clock divided
by 2 (see pin 18). Made available for system use.
7NC
No Internal Connection.
8
FBADDR7
Frame Buffer RAM Address Bit 7 (Output Type 2).
9STo6A
Serial, 32 Channel, 2.048 Mb/s Link 6A (Output Type 3). Output is active only when
the receiver detects the synchronization pattern on RxDATA input stream; output is high
impedance during loss of synchronization.
32
14
16
18
20
22
26
28
30
24
54
70
68
66
64
60
58
56
62
74
72
12
NC
VSS
NC
E20i
STi7
STi6B
STi6A
STi5
STi4
STi3
VDD
STi2
C40i
NC
NC
NC
C4REFo
C4o
VSS
VDD
POR
FBDATA7
C4b
DIN8K0
FBDATA4
DIN32K
VDD
STi0
FBDATA2
VSS
FBDATA3
DIN8K1
FBDATA1
LLED
FBDATA0
RESET
IC
VDD
84 PIN PLCC
VSS
STi1
FBDATA6
FBDATA5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com