Electronic Components Datasheet Search
  English  ▼

X  

LS3103 Datasheet(PDF) 6 Page - BOWIN ELECTRONIC CO.

Part # LS3103
Description  Simple LCD micro-controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS3103 Datasheet(HTML) 6 Page - BOWIN ELECTRONIC CO.

  LS3103 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS3103 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS3103 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS3103 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS3103 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS3103 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS3103 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. LS3103 Datasheet HTML 8Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LSI
LS3103
6
Pad Coordinate
PAD
X(µ
µ
µ
µm)
Y(µ
µ
µ
µm)
PAD
X(µ
µ
µ
µm)
Y(µ
µ
µ
µm)
C1
-1408.20
506.10
S26
942.20
-1513.90
S16
-1408.20
372.10
S27
1076.20
-1513.90
S15
-1408.20
238.10
S28
1210.20
-1513.90
S14
-1408.20
104.10
C3
1344.20
-1513.90
S13
-1408.20
-29.90
C2
1408.00
-1287.00
S12
-1408.20
-163.90
I4
1408.00
-1151.00
S11
-1408.20
-297.90
I5
1408.00
-741.60
S10
-1408.20
-431.90
I0
1408.00
-597.60
S9
-1408.20
-565.90
I1
1408.00
-188.20
S8
-1408.20
-699.90
I2
1408.00
-44.20
S7
-1408.20
-833.90
I3
1408.00
365.20
S6
-1408.20
-967.90
VDD
1408.00
509.20
S5
-1408.20
-1101.90
B0
1408.00
653.20
S4
-1408.20
-1235.90
T2
1408.00
797.20
S3
-1408.20
-1369.90
T1
1408.00
941.20
S2
-1408.20
-1503.90
B1
1408.00
1085.20
S1
-570.50
-1513.90
GND
1408.00
1229.20
S17
-436.50
-1513.90
OI
1400.30
1423.00
S18
-238.70
-1513.90
OI 15pF
1400.30
1513.00
S19
-104.70
-1513.90
OO
184.00
1499.30
S20
93.10
-1513.90
R0
-56.30
1499.30
S21
227.10
-1513.90
R1
-425.20
1499.30
S22
406.20
-1513.90
PB
-561.20
1499.30
S23
540.20
-1513.90
VC1
-1045.70
1499.30
S24
674.20
-1513.90
VC2
-1179.70
1499.30
S25
808.20
-1513.90
VEE
-1313.70
1499.30



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com