Electronic Components Datasheet Search
  English  ▼

X  

MT90732AP Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MT90732AP
Description  CMOS E2/E3 Framer (E2/E3F)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90732AP Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MT90732AP Datasheet HTML 1Page - Mitel Networks Corporation MT90732AP Datasheet HTML 2Page - Mitel Networks Corporation MT90732AP Datasheet HTML 3Page - Mitel Networks Corporation MT90732AP Datasheet HTML 4Page - Mitel Networks Corporation MT90732AP Datasheet HTML 5Page - Mitel Networks Corporation MT90732AP Datasheet HTML 6Page - Mitel Networks Corporation MT90732AP Datasheet HTML 7Page - Mitel Networks Corporation MT90732AP Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Advance Information
CMOS
MT90732
5-19
Note: I = Input; O = Output; P = Power
47
WR
I
Write. An active low signal generated by the microprocessor for writing to the
registers which reside in the memory map.
48
RDY
O
Ready. An active high signal indicating an E2/E3F acknowledgment to the
microprocessor that the addressed memory map location can complete the
data transfer.
Control Interface
Pin #
Name
I/O/P
Description
13
NRZLINE
I
Non-Return to Zero Line Selection. A high enables an NRZ line input (RP
and TP), and causes the HDB3 decoder/encoder to be bypassed. When low
enables the dual rail interface (RP/RN and TP/TN) and the HDB3
decoder/encoder.
14
BIP-4
I
Bit Interleaved Parity - 4. A high enables the BIP-4 function. In the transmit
direction, the BIP-4 is calculated for data nibbles only, and is sent as the last
nibble in the frame format. In the receive direction, the BIP-4 is calculated for
the data bits only and compared against the received value which is present in
the last four bits of the frame. An output indication (BIP-4E) occurs when one
or more columns do not match.
16
15
M1
M0
I
Mode Control. The two controls select the operating rate of the E2/E3F
according to the table given below.
19
MICRO
I
Microprocessor Mode. A high enables the microprocessor interface. When
the microprocessor is enabled, the following hardware control leads are dis-
abled. BIP-4, Mode (M0 and M1), Serial I/O (SER), and transmit AIS (TAIS).
Bits are provided in the memory map for controlling these functions.
20
SER
I
Serial Interface. A high selects the bit-serial interface for the terminal side
interface. A low selects the nibble-parallel interface.
21
TLBK
I
Terminal Loopback. A low enables a transmit to receive loopback at the line
side.
22
PLBK
I
Payload Loopback. A low enables a receive to transmit loopback at the termi-
nal side in the serial mode of operation only.
23
TAIS
I
Transmit Alarm Indication Signal. A low causes an all ones signal (AIS) to
be sent in place of a G.7XX frame format.
24
LPT
I
Loop Timing. A low enables the loop timing feature. Loop timing disables the
transmit clock and enables the receive clock to be used as the transmit clock.
26
FORCEFE
I
Force Framing Error. The errored bit is sent into the framing pattern upon the
high-to-low transition of this pin.
Microprocessor Interface
Pin #
Name
I/O/P
Description
M1
M0
Recommendation
Rate (kbit/s)
0
0
G.745
8448
0
1
G.742
8448
1
0
G.753
34368
1
1
G.751
34368



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com