Electronic Components Datasheet Search
  English  ▼

X  

LS3273E Datasheet(PDF) 5 Page - BOWIN ELECTRONIC CO.

Part # LS3273E
Description  Lcd 4 Digit Alarm Clock With 16 Dots Animation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS3273E Datasheet(HTML) 5 Page - BOWIN ELECTRONIC CO.

  LS3273E Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS3273E Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS3273E Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS3273E Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS3273E Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS3273E Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS3273E Datasheet HTML 7Page - BOWIN ELECTRONIC CO. LS3273E Datasheet HTML 8Page - BOWIN ELECTRONIC CO. LS3273E Datasheet HTML 9Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LSI
LS3273E
Version1.0(05.05.10)
5
Absolute Maximum Ratings
Supply voltage Vdd - Vss..........................0 to 5V
Input voltage Vin.................................Vss to Vdd
Operating temperature Top .............-10°C to 60°C
Storing temperature Tst ...................-40°C to 70°C
Comments
Stress
above those
listed
under
”Absolute
Maximum
Ratings”
may cause
permanent damage to the device. These are stress rating only. Functional operation
of this device at these or any other conditions above those indicated in the operational
sections of this specification is not implied and exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
D.C. Electrical Characteristics
(GND = 0V, Vdd = 1.5V, Ta = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Supply Voltage
Vdd
1.25
1.5
1.75
V
Operating current
Idd
-
2
3
µA
No load
OSC. built-in cap
Cd
-
20
-
pF
OSC. trimmer cap
Ctrim
5
-
35
pF
Frequency stability
^f/f
-
-
10
ppM
Vdd=1.6-1.4
Buzzer output current
Ib
200
-
-
µA
Vbd-Vss=0.5
LCD frequency
Flcd
-
64
-
Hz
Segment current
Is
0.15
-
-
µA
Vseg=0.2V
Common current
Ic
3.0
-
-
µA
Vcom=0.2V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com