Electronic Components Datasheet Search
  English  ▼

X  

MT90733AP Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT90733AP
Description  CMOS DS3 Framer (DS3F)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90733AP Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT90733AP Datasheet HTML 1Page - Mitel Networks Corporation MT90733AP Datasheet HTML 2Page - Mitel Networks Corporation MT90733AP Datasheet HTML 3Page - Mitel Networks Corporation MT90733AP Datasheet HTML 4Page - Mitel Networks Corporation MT90733AP Datasheet HTML 5Page - Mitel Networks Corporation MT90733AP Datasheet HTML 6Page - Mitel Networks Corporation MT90733AP Datasheet HTML 7Page - Mitel Networks Corporation MT90733AP Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MT90733 CMOS
Advance Information
5-24
Figure 2 - Pin Connections
Note: I = Input; O = Output; P = Power
Note: I = Input; O = Output; P = Power
Pin Description
Power Supply & Ground
Pin #
Name
I/O/P
Description
4, 17, 27
38, 51, 63
VDD
P
Power Supply Input. +5v
± 5%.
6, 22, 33
44, 53, 67
VSS
P
Ground.
DS3 Receive Line Side Interface
Pin #
Name
I/O/P
Description
5
D3RC
I
DS3 Receive Clock. A 44.736 MHz clock used for clocking in receive data,
and as the time base for the DS3F receiver.
29
D3RD
I
DS3 Receive Data. DS3 line side serial receive data.
ALE
X1
RD
X2
WR
STUFD
STUFC
VDD
AD7
AD6
AD5
AD4
VSS
AD3
AD2
AD1
AD0
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
XNIB0
XNIB1
XNIB2
FORCECP
XDS/XNIB3
FORCEPP
FORCEOE
VSS
TCIN
VDD
XFSI
TFIN
TCOUT
TFOUT
TCG
TDOUT
VSS
60
59
58
57
56
55
54
53
52
51
50
49
48
46
45
47
10
44



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com