Electronic Components Datasheet Search
  English  ▼

X  

LS6022 Datasheet(PDF) 7 Page - BOWIN ELECTRONIC CO.

Part # LS6022
Description  Dual display Real time clock with Timer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS6022 Datasheet(HTML) 7 Page - BOWIN ELECTRONIC CO.

  LS6022 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS6022 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS6022 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS6022 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS6022 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS6022 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS6022 Datasheet HTML 7Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
LSI
LS6022
Version 1.1 (18.11.00)
7
LCD Drawing
S16 S15 S14 S13 S12 S11 S10 S9
S8
S7
S6
S5
S4
S3
S2
S1
COM1:3B
3G
3C
3D
2B
2G
2C
2D
1B
1G
1C
1D
5B
5G
5C
5D
COM2:3A
3F
3E
OFF 2A
2F
2E
CT
1A
1F
1E
0BC 5A
5F
5E
4BC
COM3:7D
7C
7G
7B
7A
7F
7E
TIM 6C
6B
6AD CC
6F
6G
6E
PM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com