Electronic Components Datasheet Search
  English  ▼

X  

LS6032 Datasheet(PDF) 9 Page - BOWIN ELECTRONIC CO.

Part # LS6032
Description  4 Digit Universal Timer with clock
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS6032 Datasheet(HTML) 9 Page - BOWIN ELECTRONIC CO.

  LS6032 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 8Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 9Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
LSI
LS6032
Version 1.2 (29.12.00)
9
LCD DRAWING
PIN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SIGNAL C3
C2
C1
S1
S2
S3
S5
S6
S7
S8
S9
S10
S11
S13
S14
S15
COM1
/
/
C1
4F
4A
4B
3F
3A
3B
AA
2F
2A
2B
1F
1A
1B
COM2
/
C2
/
4E
4G
4C
3E
3G
3C
:
2E
2G
2C
1E
1G
1C
COM3
C3
/
/
AM
4D
PM
/
3D
/
BB
/
2D
/
CK
1D
TI
Revision History
5.11.00 - Addition of Application for driving transistor + coil.
29.12.00 - Addition of Mode Demonstration Table.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com