Electronic Components Datasheet Search
  English  ▼

X  

PE2CP1016 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE2CP1016
Description  Dual Directional 40 dB N Coupler From 800 MHz to 4.2 GHz Rated To 200 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2CP1016 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE2CP1016 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2CP1016 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2CP1016 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Dual Directional 40 dB N Coupler From 800 MHz to 4.2 GHz Rated To 200 Watts from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Dual Directional 40 dB N Coupler From 800 MHz to 4.2 GHz Rated To 200 Watts PE2CP1016
URL: http://www.pasternack.com/dual-directional-40-db-n-coupler-800-mhz-4.2-ghz-200-watts-pe2cp1016-p.aspx
PE2CP1016
PE2CP1016 REV 1.0
Dual Directional 40 dB N Coupler From 800 MHz
to 4.2 GHz Rated To 200 Watts



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com