Electronic Components Datasheet Search
  English  ▼

X  

SM5852DS Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5852DS
Description  Digital Audio Processor LSI
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5852DS Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5852DS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5852DS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5852DS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5852DS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5852DS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5852DS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5852DS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5852DS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5852DS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SM5852DS
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
Digital Audio Processor LSI
OVERVIEW
The SM5852DS is a digital signal processor IC that
performs XBS (extra bass system), LIVE (pseudo-
sound field) and ASC (train position) processing for
use in digital audio reproduction equipment. It is
designed for use with a 44.1 kHz sampling
frequency.
FEATURES
s
2-channel processing
s
XBS/LIVE functions
s
XBS/LIVE processing bypass mode
s
ASC function ON/OFF switching
s
Input-level dependent dynamic gain characteris-
tics
s
Serial input/output interface
2s complement, MSB first, 16-bit
s
384fs system clock
s
23
× 23-bit multiplier/30-bit high-precision
accumulator
s
TTL-compatible input/output
s
3.2 to 5.5 V operating voltage range
s
16-pin SOP
s
Molybdenum-gate CMOS
ORDERING INFOMATION
PINOUT
PACKAGE DIMENSIONS
16-pin SOP (Unit: mm)
Device
Package
SM5852DS
16pin SOP
MUTEN
CLK
VSS
BCKI
DI
LRCI
RSTN
LRCO
VDD
DB/DS
TESTN
MOD2
MOD1
OPT
BCKO
DOUT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
10.16±0.3
10.5 MAX
0.4±0.15
1.27±0.15
0.635±0.15
0.17±0.05
0 to 15


Similar Part No. - SM5852DS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM5852 ETC2-SM5852 Datasheet
216Kb / 4P
Amplified Pressure Sensor
SM5852-001 ETC2-SM5852-001 Datasheet
371Kb / 6P
SINGNAL-CONDITIONED ULTRA-LOW PRESSURE SENSOR
SM5852-001-A-3-L ETC2-SM5852-001-A-3-L Datasheet
216Kb / 4P
Amplified Pressure Sensor
SM5852-001-A-3-N ETC2-SM5852-001-A-3-N Datasheet
216Kb / 4P
Amplified Pressure Sensor
SM5852-001-A-5-L ETC2-SM5852-001-A-5-L Datasheet
216Kb / 4P
Amplified Pressure Sensor
More results

Similar Description - SM5852DS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9337F TOSHIBA-TC9337F Datasheet
1Mb / 31P
AUDIO DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TAS3001C TI-TAS3001C Datasheet
417Kb / 56P
DIGITAL AUDIO PROCESSOR
logo
List of Unclassifed Man...
ZR38650 ETC1-ZR38650 Datasheet
441Kb / 66P
PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
Panasonic Semiconductor
MN82860 PANASONIC-MN82860 Datasheet
192Kb / 4P
Digital RGB Processor LSI
logo
Texas Instruments
TAS5000 TI-TAS5000_06 Datasheet
110Kb / 25P
Digital Audio Pwm Processor
logo
YAMAHA CORPORATION
YSS950 YAMAHA-YSS950 Datasheet
781Kb / 30P
DAP1 Digital Audio Processor
logo
Sanyo Semicon Device
LC749460W SANYO-LC749460W Datasheet
145Kb / 20P
Silicon gate Digital RGB Processor LSI
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE_16 Datasheet
335Kb / 27P
Digital Servo Processor LSI
August 2016 - Rev. 0
logo
Analog Devices
ADAU1462 AD-ADAU1462 Datasheet
9Mb / 202P
SigmaDSP Digital Audio Processor
3/2018-Rev. B to Rev. C
ADAU1472 AD-ADAU1472 Datasheet
587Kb / 34P
SigmaDSP Digital Audio Processor
11/2020-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com