Electronic Components Datasheet Search
  English  ▼

X  

PE4311 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4311
Description  MHV Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .380 inch DD Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4311 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4311 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4311 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
MHV Female Bulkhead Hermetically Sealed Connector Solder
Attachment Solder Cup Terminal, .380 inch DD Hole
MHV Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal,
.380 inch DD Hole
Configuration
Connector
MHV Female
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Isolated Ground / Hermetic
Hermetically Sealed
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.793 [45.54]
Width/Dia., in [mm]
0.57 [14]
.
Weight, lbs [g]
0.027 [12.25]
Connector
Type
MHV Female
Contact Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/mhv-female-standard-solder-cup-terminal-connector-pe4311-p.aspx
MHV Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .380 inch DD Hole from
Pasternack Enterprises has same day shipment for domestic and International orders. We maintain 99% availability of the
industry’s broadest selection of RF, microwave and fiber optic products.
PE4311
PE4311 REV


Similar Part No. - PE4311

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4311 PASTERNACK-PE4311 Datasheet
319Kb / 3P
MHV Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4311 PASTERNACK-PE4311_16 Datasheet
319Kb / 3P
MHV Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
More results

Similar Description - PE4311

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4137 PASTERNACK-PE4137 Datasheet
258Kb / 3P
N Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .640 inch DD Hole
PE4193 PASTERNACK-PE4193 Datasheet
257Kb / 3P
MHV Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .380 inch DD HOLE
PE4481 PASTERNACK-PE4481 Datasheet
240Kb / 2P
HN Female Bulkhead Hermetically Sealed Connector Solder Attachment Turret Terminal, .765 inch DD Hole
PE4505 PASTERNACK-PE4505 Datasheet
207Kb / 2P
75 Ohm N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .640 inch DD Hole
PE4971 PASTERNACK-PE4971 Datasheet
223Kb / 3P
C Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .720 inch D Hole
PE4488 PASTERNACK-PE4488 Datasheet
870Kb / 2P
N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .380 inch Diameter
PE4495 PASTERNACK-PE4495 Datasheet
217Kb / 2P
MHV Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4193 PASTERNACK-PE4193_16 Datasheet
349Kb / 3P
MHV Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .380 inch DD Hole
PE4311 PASTERNACK-PE4311_16 Datasheet
319Kb / 3P
MHV Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4495 PASTERNACK-PE4495_16 Datasheet
317Kb / 3P
MHV Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com