Electronic Components Datasheet Search
  English  ▼

X  

PE4350 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4350
Description  MHV Male Connector Crimp - Solder Attachment For RG214, RG9
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4350 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4350 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4350 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
MHV Male Connector Crimp/Solder Attachment For RG214, RG9
MHV Male Connector Crimp/Solder Attachment For RG214, RG9
Configuration
Connector
MHV Male
Connector Interface Type
RG214,RG9
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.82 [46.23]
Width/Dia., in [mm]
0.57 [14]
.
Weight, lbs [g]
0.055 [24.95]
Connector
Type
MHV Male
Contact Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/mhv-male-standard-rg214-rg9-connector-pe4350-p.aspx
MHV Male Connector Crimp/Solder Attachment For RG214, RG9 from Pasternack Enterprises has same day shipment for
domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF, microwave and
fiber optic products.
PE4350
PE4350 REV


Similar Part No. - PE4350

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4350 PASTERNACK-PE4350 Datasheet
354Kb / 3P
MHV Male Connector Crimp/Solder Attachment
logo
Peregrine Semiconductor...
PE43501 PEREGRINE-PE43501 Datasheet
383Kb / 13P
RF Digital Attenuator 5-bit, 7.75dB, DC-6.0 GHz
logo
Peregrine Semiconductor
PE43502 PSEMI-PE43502 Datasheet
443Kb / 11P
RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43502 PEREGRINE-PE43502 Datasheet
443Kb / 11P
50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE43502 PSEMI-PE43502_14 Datasheet
986Kb / 11P
50 廓 RF Digital Attenuator
More results

Similar Description - PE4350

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4232 PASTERNACK-PE4232 Datasheet
267Kb / 3P
SC Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4474 PASTERNACK-PE4474 Datasheet
263Kb / 2P
HN Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4048 PASTERNACK-PE4048 Datasheet
266Kb / 3P
N Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4447 PASTERNACK-PE4447 Datasheet
256Kb / 3P
TNC Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4661 PASTERNACK-PE4661 Datasheet
299Kb / 3P
RP TNC Male Connector Crimp/Solder Attachment For RG214, RG9
PE4483 PASTERNACK-PE4483 Datasheet
265Kb / 2P
N Male Right Angle Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4375 PASTERNACK-PE4375 Datasheet
247Kb / 2P
C Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4351 PASTERNACK-PE4351 Datasheet
261Kb / 2P
BNC Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4571 PASTERNACK-PE4571 Datasheet
261Kb / 3P
7/16 DIN Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4713 PASTERNACK-PE4713 Datasheet
208Kb / 2P
RP BNC Male Connector Crimp/Solder Attachment For RG214, RG9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com