Electronic Components Datasheet Search
  English  ▼

X  

MT9092 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT9092
Description  ISO2-CMOS ST-BUS??FAMILY Digital Telephone with HDLC (HPhone-II)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9092 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT9092 Datasheet HTML 1Page - Mitel Networks Corporation MT9092 Datasheet HTML 2Page - Mitel Networks Corporation MT9092 Datasheet HTML 3Page - Mitel Networks Corporation MT9092 Datasheet HTML 4Page - Mitel Networks Corporation MT9092 Datasheet HTML 5Page - Mitel Networks Corporation MT9092 Datasheet HTML 6Page - Mitel Networks Corporation MT9092 Datasheet HTML 7Page - Mitel Networks Corporation MT9092 Datasheet HTML 8Page - Mitel Networks Corporation MT9092 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
MT9092
7-4
Figure 2 - Pin Connections
Pin Description
Pin
#
Name
Description
1M+
Non-Inverting Microphone (Input). Non-inverting input to microphone amplifier from the
handset microphone.
2NC
No Connect. No internal connection to this pin.
3VBias
Bias Voltage (Output). (VDD/2) volts is available at this pin for biasing external amplifiers.
Connect 0.1 µF capacitor to VSSA.
4VRef
Reference voltage for codec (Output). Nominally [(VDD/2)-1.5] volts. Used internally.
Connect 0.1 µF capacitor to VSSA.
5IC
Internal Connection. Tie externally to VSS for normal operation.
6
PWRST Power-up Reset (Input). CMOS compatible input with Schmitt Trigger (active low).
7DSTi
ST-BUS Serial Stream (Input). 2048 kbit/s input stream composed of 32 eight bit channels;
the first four of which are used by the MT9092. Input level is TTL compatible.
8DSTo
ST-BUS Serial Stream (Output). 2048 kbit/s output stream composed of 32 eight bit
channels. The MT9092 sources digital signals during the appropriate channel, time coincident
with the channels used for DSTi.
9C4i
4096 kHz Clock (Input). CMOS level compatible.
10
F0i
Frame Pulse (Input). CMOS level compatible. This input is the frame synchronization pulse
for the 2048 kbit/s ST-BUS stream.
11
VSSD
Digital Ground . Nominally 0 volts.
12
IRQ
Interrupt Request (Open Drain Output). An active low output indicating an unmasked HDLC
interrupt event. Requires 1 k
Ω pull-up to V
DD.
13
SCLK
Serial Port Synchronous Clock (Input). Data clock for MCS-51 compatible microport. TTL
level compatible.
7
8
9
10
11
12
13
14
15
16
39
38
37
36
35
34
33
32
31
30
17
29
DSTi
DSTo
C4i
F0i
VSSD
IRQ
SCLK
DATA 2
DATA 1
CS
WD
SPKR+
SPKR-
HSPKR+
HSPKR-
VDD
BP
S12
S11
S10
S9
S8
44 PIN PLCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com