Electronic Components Datasheet Search
  English  ▼

X  

SM5852FS Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # SM5852FS
Description  Digital Dynamic Bass Boost LSI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5852FS Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM5852FS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 12Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SM5852FS
NIPPON PRECISION CIRCUITS—10
FUNCTIONAL DESCRIPTION
DDBB (Digital Dynamic Bass Boost)
The DDBB function emphasizes the low-frequency
components of the input signal by picking out the
low-frequency
components
and
passing
them
through a DDBB 3rd-order IIR low-pass filter and
then changing the gain for the low-frequency
components.
Two independent DDBB filters are used, one for
each the left and right channels, to maintain full
channel separation. The DDBB boost is determined
by DB/DS, MOD1 and MOD2.
Soft Muting
Soft muting is active when MUTEN is LOW. When
MUTEN is LOW, the attenuation changes smoothly
from 0 to
−∞ dB in 1024/fs, or approximately 23.2
ms.
When MUTEN goes HIGH, soft muting is released
and the attenuation changes smoothly from
−∞ to 0
dB, again taking approximately 23.2 ms.
Also, if a MUTEN transition occurs while the
attenuation is changing, the attenuation then changes
smoothly in the direction specified by the new level
of MUTEN.
DB/DS Switching Shock Noise
The soft muting function is also activated to
eliminate switching shock noise when DB/DS
changes state. When DB/DS changes state, the
attenuation changes to
−∞ dB, the internal circuit
settings are activated and then soft muting is
released.
Therefore,
a
maximum
time
of
approximately 46.4 ms is required to change the
compression mode. Of course, if the attenuation is
already
−∞ dB after soft muting using MUTEN, then
no time is required to change compression mode.
Reset Initialization
RSTN should be set LOW at power-ON and after
reacquiring synchronization. Note that if RSTN is
LOW for longer than 1 µs, a through-current flows in
the LSI’s internal dynamic circuits because the
internal clock is stopped. The through-current has no
rated value, so the reset pulse should be kept as short
as possible at all times other than at power-ON.
When RSTN goes from LOW to HIGH, initialization
hold is released and the initialization routine first
resets the internal data over an interval of 4fs. During
the initialization routine, the output data is forcibly
muted so that there is no output signal.
MOD1
MOD2
DB/DS
Gain mode
LOW
LOW
LOW
18 dB
LOW
LOW
HIGH
16 dB
LOW
HIGH
LOW
14 dB
LOW
HIGH
HIGH
12 dB
HIGH
LOW
LOW
10 dB
HIGH
LOW
HIGH
6 dB
HIGH
HIGH
LOW
Off
HIGH
HIGH
HIGH
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com