Electronic Components Datasheet Search
  English  ▼

X  

MT9125 Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MT9125
Description  CMOS Dual ADPCM Transcoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9125 Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MT9125 Datasheet HTML 8Page - Mitel Networks Corporation MT9125 Datasheet HTML 9Page - Mitel Networks Corporation MT9125 Datasheet HTML 10Page - Mitel Networks Corporation MT9125 Datasheet HTML 11Page - Mitel Networks Corporation MT9125 Datasheet HTML 12Page - Mitel Networks Corporation MT9125 Datasheet HTML 13Page - Mitel Networks Corporation MT9125 Datasheet HTML 14Page - Mitel Networks Corporation MT9125 Datasheet HTML 15Page - Mitel Networks Corporation MT9125 Datasheet HTML 16Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Preliminary Information
MT9125
8-29
† Timing is over recommended temperature & power supply voltages.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
AC Electrical Characteristics† - Serial PCM/ADPCM Interfaces (see Figures 12 & 13)
Voltages are with respect to ground (VSS) unless otherwise stated.
Characteristics
Sym
Min
Typ†
Max
Units
Test Conditions
1
Data Clock High
tCLH
160
ns
CL=150pF
2
Data Clock Low
tCLL
160
ns
CL=150pF
3
BCLK Period
tBCL
400
7900
ns
CL=150pF
4
Data Output Delay (excluding
first bit)
tDD
60
ns
CL=150pF
5
Output Active to High Z
tAHZ
60
ns
CL=150pF
6
Strobe Signal Setup
tSSS
80
tBCL-
80
ns
CL=150pF
7
Strobe Signal Hold
tSSH
80
tBCL-
80
ns
CL=150pF
8
Strobe period relative to MCLK
(ENB1, ENB2, ENA)
512tC4P-
50
ns
CL=150pF
9
Data Input Setup
tDIS
50
ns
CL=150pF
10
Data Input Hold
tDIH
50
ns
CL=150pF
11
Strobe to Data Delay (first bit)
tSD
60
ns
CL=150pF
12
F0i Setup
tF0iS
50
122
150
ns
CL=150pF
13
F0i Hold
tF0iH
50
122
150
ns
CL=150pF
14
MCLK (C4i) duty cycle
tH/tL
x100
40
50
60
%
CL=150pF
15
MCLK (C4i) period
tC4P
190
244.2
ns
CL=150pF
16
Data Output delay
tDSToD
125
ns
CL=150pF
17
Data in Hold time
tDSTiH
50
ns
CL=150pF
18
Data in Setup time
tDSTiS
50
ns
CL=150pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com