Electronic Components Datasheet Search
  English  ▼

X  

TY-402P Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # TY-402P
Description  Audio Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

TY-402P Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  TY-402P Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A u d i o Tr ansformer
D a ta/Voice Coupling
web:www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
SECONDARY
600
OHM
1
4
6
PRIMARY
3
600
OHM
.53 TYP
1.25 TYP
.815 TYP
.20 TYP
.400 ± .010
.950 ± .020
13
46
.025 SQ. TYP
PIN #1 AT KEY
TY -402P
Description:
The TY series transformers are used for a variety of applications including
impedance matching, isolation, repeat coil, line balancing, bridging and
hybrid circuit.
Electrical Specifications at 25º C:
Impedance
(Ohms)
Max. DC
Current
(mA)
Typ.
Insertion
Loss (dB)
Typ.
Return
Loss (dB)
Typ. Freq.
Response
(dB)
Pri
Sec
600
600
90
1.75
13
±.5
Designed to meet FCC Part 68
Longitudinal Balance: (FCC 68.310) – 60 dB min. 200 – 1000 Hz
45 dB min. 1000 – 4000 Hz
Dielectric Strength: (FCC 68.304) – 1500VAC
Power Level: -45 dBm to +7 dBm
Frequency Range: 300 to 3500 Hz
Electrical Schematic:
RoHS Compliance: As of manufacturing date February 2005, all standard
products meet the requirements of 2011/65/EU, known as the RoHS initiative.
*Upon printing, this document is considered “uncontrolled”.Please contact
Triad Magnetics website for the most current version.
BOTTOM
VIEW


Similar Part No. - TY-402P

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
TY-400P TRIAD-TY-400P Datasheet
36Kb / 1P
TY-400P
TY-400P TRIAD-TY-400P_13 Datasheet
40Kb / 1P
Audio Transformer Data Coupling
TY-401P TRIAD-TY-401P Datasheet
36Kb / 1P
TY-401P
TY-401P TRIAD-TY-401P_13 Datasheet
44Kb / 1P
Audio Transformer Data coupling
TY-403P TRIAD-TY-403P Datasheet
28Kb / 1P
TY-403P
More results

Similar Description - TY-402P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-434S ETC2-A-434S Datasheet
80Kb / 1P
Audio Transformer
logo
Rhombus Industries Inc.
T-803 RHOMBUS-IND-T-803 Datasheet
24Kb / 1P
Audio Transformer
7/15/96
T-835 RHOMBUS-IND-T-835 Datasheet
30Kb / 1P
Audio Transformer
2/3/97
T-931 RHOMBUS-IND-T-931 Datasheet
36Kb / 1P
AUDIO Transformer
05/06/97
T-1024 RHOMBUS-IND-T-1024 Datasheet
40Kb / 1P
Audio Transformer
5/29/97
T-1412 RHOMBUS-IND-T-1412 Datasheet
17Kb / 1P
Audio Transformer
5/29/97
logo
Allied Components Inter...
AEP-158S ALLIED-AEP-158S Datasheet
287Kb / 1P
AUDIO TRANSFORMER
logo
XFMRS Inc.
XF24-600600 XFMRS-XF24-600600 Datasheet
41Kb / 1P
AUDIO TRANSFORMER
logo
Allied Components Inter...
AT4365 ALLIED-AT4365 Datasheet
1Mb / 1P
AUDIO TRANSFORMER
AT4539 ALLIED-AT4539 Datasheet
644Kb / 1P
AUDIO TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com