Electronic Components Datasheet Search
  English  ▼

X  

MT9162 Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MT9162
Description  ISO2-CMOS 5 Volt Single Rail Codec
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9162 Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MT9162 Datasheet HTML 9Page - Mitel Networks Corporation MT9162 Datasheet HTML 10Page - Mitel Networks Corporation MT9162 Datasheet HTML 11Page - Mitel Networks Corporation MT9162 Datasheet HTML 12Page - Mitel Networks Corporation MT9162 Datasheet HTML 13Page - Mitel Networks Corporation MT9162 Datasheet HTML 14Page - Mitel Networks Corporation MT9162 Datasheet HTML 15Page - Mitel Networks Corporation MT9162 Datasheet HTML 16Page - Mitel Networks Corporation MT9162 Datasheet HTML 17Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Package Outlines
Small Shrink Outline Package (SSOP) - N Suffix
Pin 1
A1
B
e
D
E
A
L
H
C
A2
Dim
20-Pin
24-Pin
28-Pin
48-Pin
Min
Max
Min
Max
Min
Max
Min
Max
A
0.079
(2)
-
0.079
(2)
0.079
(2)
0.095
(2.41)
0.110
(2.79)
A1
0.002
(0.05)
0.002
(0.05)
0.002
(0.05)
0.008
(0.2)
0.016
(0.406)
B
0.0087
(0.22)
0.013
(0.33)
0.0087
(0.22)
0.013
(0.33)
0.0087
(0.22)
0.013
(0.33)
0.008
(0.2)
0.0135
(0.342)
C
0.008
(0.21)
0.008
(0.21)
0.008
(0.21)
0.010
(0.25)
D
0.27
(6.9)
0.295
(7.5)
0.31
(7.9)
0.33
(8.5)
0.39
(9.9)
0.42
(10.5)
0.62
(15.75)
0.63
(16.00)
E
0.2
(5.0)
0.22
(5.6)
0.2
(5.0)
0.22
(5.6)
0.2
(5.0)
0.22
(5.6)
0.291
(7.39)
0.299
(7.59)
e
0.025 BSC
(0.635 BSC)
0.025 BSC
(0.635 BSC)
0.025 BSC
(0.635 BSC)
0.025 BSC
(0.635 BSC)
A2
0.065
(1.65)
0.073
(1.85)
0.065
(1.65)
0.073
(1.85)
0.065
(1.65)
0.073
(1.85)
0.089
(2.26)
0.099
(2.52)
H
0.29
(7.4)
0.32
(8.2)
0.29
(7.4)
0.32
(8.2)
0.29
(7.4)
0.32
(8.2)
0.395
(10.03)
0.42
(10.67)
L
0.022
(0.55)
0.037
(0.95)
0.022
(0.55)
0.037
(0.95)
0.022
(0.55)
0.037
(0.95)
0.02
(0.51)
0.04
(1.02)
Notes:
1) Not to scale
2) Dimensions in inches
3) (Dimensions in millimeters)
4) Ref. JEDEC Standard M0-150/M0118 for 48 Pin
5) A & B Maximum dimensions include allowable mold flash
General-11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com