Electronic Components Datasheet Search
  English  ▼

X  

ATP201 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ATP201
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ATP201 Datasheet(HTML) 3 Page - ON Semiconductor

  ATP201 Datasheet HTML 1Page - ON Semiconductor ATP201 Datasheet HTML 2Page - ON Semiconductor ATP201 Datasheet HTML 3Page - ON Semiconductor ATP201 Datasheet HTML 4Page - ON Semiconductor ATP201 Datasheet HTML 5Page - ON Semiconductor ATP201 Datasheet HTML 6Page - ON Semiconductor ATP201 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ATP201
No. A1547-3/7
RDS(on) -- VGS
RDS(on) -- Tc
ID -- VDS
ID -- VGS
IS -- VSD
SW Time -- ID
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
Drain Current, ID -- A
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Diode Forward Voltage, VSD -- V
| yfs | -- I
D
Ciss, Coss, Crss -- VDS
IT14959
IT14962
--60 --40 --20
160
030
10
15
20
25
5
100
2
IT14966
IT14964
IT14963
0.1
1.0
23
5 7
23
5 7
23
5
3
1.0
1.4
1.2
1.0
0.8
0.4
0.2
0.6
0
0.001
0.01
5
7
3
2
2
0.1
5
7
3
2
1.0
5
7
3
2
10
5
7
3
22
100
5
7
3
7
5
7
5
2
3
10
5
2
1000
2
10
040
20
60
80
100 120 140
3
5
3
7
3
5
7
Tc=25
°C
Single pulse
Single pulse
Tc=
--25
°C
25
°C
75
°C
VGS=0V
Single pulse
Ciss
Crss
IT14965
0.1
7 1.0
23
5
7
23
5
27 10
35
10
100
2
3
5
7
2
3
5
7
1000
2
2
3
5
7
td(off)
VDD=15V
VGS=10V
f=1MHz
t r
0.2
1.0
2.0
1.4
0.8
0.4
0.6
1.6
1.8
1.2
0
0
0
10
20
55
50
40
30
5
15
45
35
25
10
20
50
40
30
5
15
45
35
25
10
20
40
30
5
15
45
35
25
0
10
20
40
30
5
15
35
25
IT14961
246
79
11
16
13
15
35
8
10
12
14
0
IT14960
0.5
1.5
2.0
1.0
2.5
5.5
5.0
4.0
4.5
3.5
3.0
0
4.5V
VGS=4.0V
6.0V
VDS=10V
Single pulse
VDS=10V
Single pulse
tf
VGS
=4.5V
, ID
=9A
VGS
=10.0V
, ID
=18A
Coss
td(on)
ID=9A
18A
Tc=25
°C
Single pulse



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com