Electronic Components Datasheet Search
  English  ▼

X  

MT9174AE Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT9174AE
Description  ISO2-CMOS ST-BUS??FAMILY Digital Network Interface Circuit with Receive Sync Marker Bit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9174AE Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT9174AE Datasheet HTML 1Page - Mitel Networks Corporation MT9174AE Datasheet HTML 2Page - Mitel Networks Corporation MT9174AE Datasheet HTML 3Page - Mitel Networks Corporation MT9174AE Datasheet HTML 4Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
9-155
9-155
®
Features
•
Receive sync output pulse
•
Full duplex transmission over a single twisted
pair
•
Selectable 80 or 160 kbit/s line rate
•
Adaptive echo cancellation
•
Up to 4 km loop reach
•
ISDN compatible (2B+D) data format
•
Transparent modem capability
•
Frame synchronization and clock extraction
•
MITEL ST-BUS compatible
•
Low power (typically 50 mW), single 5V supply
Applications
•TDD Digital PCS (DECT, CT2, PHS) base
stations requiring cell synchronization
•
Digital subscriber lines
•
High speed data transmission over twisted
wires
•
Digital PABX line cards and telephone sets
•
80 or 160 kbit/s single chip modem
Figure 1 - Functional Block Diagram
DSTi/Di
CDSTi/
F0/CLD
C4/TCK
F0o/RCK
MS0
MS1
MS2
RegC
DSTo/Do
CDSTo/
CDo
Transmit
Interface
Prescrambler
Scrambler
Control
Register
Transmit/
Clock
Receive
Timing &
Control
Status
Transmit
Timing
Master Clock
Phase Locked
Sync Detect
Receive
DPLL
Receive
Interface
De-
Prescrambler
Descrambler
Differentially
Encoded Biphase
Receiver
Differentially
Encoded Biphase
Transmitter
Transmit
Filter &
Line Driver
Receive
Filter
-1
+2
MUX
Address
Echo Canceller
Error
Signal
Echo Estimate
VBias
VDD
VSS VBias VRef
LOUT
LOUT
DIS
Precan
LIN
OSC2
OSC1
—
+
∑
CDi
RxSB
ISSUE 1
May 1995
Description
The MT9174 is identical to the MT9172 in all
respects except for the addition of one feature. The
MT9174 includes a digital output pin indicating the
temporal position of the "SYNC" bit of the biphase
transmission.
This feature is especially useful for
systems
such
as
PCS
wireless
base
stations
applications requiring close synchronization between
microcells.
The MT9174 is fabricated in Mitel’s ISO2-CMOS
process.
Ordering Information
MT9174AE
24 Pin Plastic DIP
MT9174AN
24 Pin SSOP
MT9174AP
28 Pin PLCC
-40°C to
+85°C
MT9174
Digital Network Interface Circuit
with Receive Sync Marker Bit
ISO2-CMOS ST-BUS
™ FAMILY


Similar Part No. - MT9174AE

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9174AE MITEL-MT9174AE Datasheet
411Kb / 22P
Digital Subscriber Interface Circuit with RxSB
logo
Zarlink Semiconductor I...
MT9174AE ZARLINK-MT9174AE Datasheet
613Kb / 28P
Digital Subscriber Interface Circuit with RxSB Digital Network Interface Circuit with RxSB
More results

Similar Description - MT9174AE

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8910-1 MITEL-MT8910-1 Datasheet
419Kb / 26P
CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
MT8930C-1 MITEL-MT8930C-1 Datasheet
323Kb / 42P
CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit
MT8930C MITEL-MT8930C Datasheet
683Kb / 36P
CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit Preliminary Information
MT8931C MITEL-MT8931C Datasheet
309Kb / 40P
CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit Preliminary Information
MT8971B MITEL-MT8971B Datasheet
390Kb / 20P
ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT89L80 MITEL-MT89L80 Datasheet
75Kb / 15P
CMOS ST-BUS??FAMILY Digital Switch
MT9092 MITEL-MT9092 Datasheet
482Kb / 42P
ISO2-CMOS ST-BUS??FAMILY Digital Telephone with HDLC (HPhone-II)
MT9094 MITEL-MT9094 Datasheet
396Kb / 32P
ISO2-CMOS ST-BUS??FAMILY Digital Telephone (DPhone-II)
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Zarlink Semiconductor I...
MT9171 ZARLINK-MT9171 Datasheet
401Kb / 25P
ISO2-CMOS ST-BUS FAMILY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com