Electronic Components Datasheet Search
  English  ▼

X  

MT9196 Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MT9196
Description  ISO2-CMOS Integrated Digital Phone Circuit (IDPC)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9196 Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MT9196 Datasheet HTML 9Page - Mitel Networks Corporation MT9196 Datasheet HTML 10Page - Mitel Networks Corporation MT9196 Datasheet HTML 11Page - Mitel Networks Corporation MT9196 Datasheet HTML 12Page - Mitel Networks Corporation MT9196 Datasheet HTML 13Page - Mitel Networks Corporation MT9196 Datasheet HTML 14Page - Mitel Networks Corporation MT9196 Datasheet HTML 15Page - Mitel Networks Corporation MT9196 Datasheet HTML 16Page - Mitel Networks Corporation MT9196 Datasheet HTML 17Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Preliminary Information
MT9196
7-139
Figure 8a - D-Channel 16 kb/s Operation
Figure 8b - IRQ Timing Diagram
Figure 8c - D-Channel 8 kb/s Operation
n-3
n-2
n-1
n
n+1
n+2
n+3
n+4*
Microport Read/Write Access
D0
D1
I
D2
D3
II
D4
D5
III
D6
D7
IV
D0
D1
I
D2
D3
II
D4
D5
III
D6
D7
IV
Di-bit Group
Transmit
D-Channel
No preset value
Power-up reset to 1111 1111
* note that frame n+4 is equivalent to frame n of the next cycle.
IRQ
FP
DSTo/
DSTi
Di-bit Group
Receive
D-Channel
Microport Read/Write Access
tir =500 nsec max
Rpullup= 10 k
tif =500 nsec max
D0
D1
Reset coincident with
Read/Write of Address 15 Hex
or next FP, whichever occurs first
FP
C4i
C2
Din
IRQ
8 kb/s operation
16 kb/s operation
n-7
n-6
n-5
n-4
n-3
n-2
n-1
n
n+1
n+2
n+3
n+4
n+5
n+6
n+7
n+8
II
D1
III
D2
IV
D3
V
D4
VI
D5
VII
D6
VIII
D7
I
D0
II
D1
III
D2
IV
D3
V
D4
VI
D5
VII
D6
VIII
D7
I
D0
No preset value
Di-bit Group
Receive
D-Channel
Power-up reset to 1111 1111
IRQ
FP
Microport Read/Write Access
D-Channel
Di-bit Group
Transmit
D-Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com