Electronic Components Datasheet Search
  English  ▼

X  

ATP208 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ATP208
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ATP208 Datasheet(HTML) 3 Page - ON Semiconductor

  ATP208 Datasheet HTML 1Page - ON Semiconductor ATP208 Datasheet HTML 2Page - ON Semiconductor ATP208 Datasheet HTML 3Page - ON Semiconductor ATP208 Datasheet HTML 4Page - ON Semiconductor ATP208 Datasheet HTML 5Page - ON Semiconductor ATP208 Datasheet HTML 6Page - ON Semiconductor ATP208 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ATP208
No. A1396-3/7
RDS(on) -- VGS
RDS(on) -- Tc
ID -- VDS
ID -- VGS
IS -- VSD
SW Time -- ID
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
Drain Current, ID -- A
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Diode Forward Voltage, VSD -- V
| yfs | -- I
D
Ciss, Coss, Crss -- VDS
0
100
1000
10000
7
5
5
3
2
7
3
2
40
5
1520253035
10
IT14329
IT14328
IT14327
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.001
0.01
7
5
3
2
IT14326
f=1MHz
Coss
Crss
0.1
1.0
2
23
100
2
23
5 7
57
10
35 7
3
VGS=0V
Single pulse
1000
100
10
3
2
5
7
3
2
5
7
0.1
1.0
23
5 7
7
23
5
100
VDD=20V
VGS=10V
td(off)
tf
td(on)
tr
IT14324
IT14325
0
0
16
16
2
4
6
8
10
12
--60 --40 --20
0
20
40
60
80
100 120 140 160
14
14
6
10
2
8
12
4
0
14
10
6
2
12
8
4
Tc=25
°C
Single pulse
Tc=25
°C
VDS=10V
ID=23A
45A
IT14322
IT14323
0
5.5
1.5
0
0
90
70
50
10
30
60
40
80
20
2.0
0.2
0.6
1.2
0.4
0.8
1.6
1.4
1.0
1.8
0
140
120
100
80
3.0
4.5
1.0
2.5
4.0
0.5
2.0
3.5
5.0
60
40
20
4.0V
4.5V
VGS=3.5V
Single pulse
2
0.1
7
5
3
2
10
23
5 7
Ciss
V GS
=4.5V
, I D
=23A
VGS
=10.0V
, ID
=45A
Tc=
--25
°C
75°
C
25°
C
VDS=10V
1.0
7
5
7
3
2
10
7
5
3
2
1.0
7
5
3
2
10
7
5
3
2
100
7
5
3
2
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com