Electronic Components Datasheet Search
  English  ▼

X  

ATP216 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ATP216
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ATP216 Datasheet(HTML) 3 Page - ON Semiconductor

  ATP216 Datasheet HTML 1Page - ON Semiconductor ATP216 Datasheet HTML 2Page - ON Semiconductor ATP216 Datasheet HTML 3Page - ON Semiconductor ATP216 Datasheet HTML 4Page - ON Semiconductor ATP216 Datasheet HTML 5Page - ON Semiconductor ATP216 Datasheet HTML 6Page - ON Semiconductor ATP216 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ATP216
No.8985-3/7
ID -- VDS
ID -- VGS
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
VDS=10V
IT16430
IT16431
0
3.0
2.5
1.5
0
0
35
15
20
30
25
5
10
1.0
0.1
0.7
0.6
0.5
0.3
0.4
0.2
0.9
0.8
0
50
40
30
1.0
0.5
2.0
20
10
5
45
35
25
15
3.0V
VGS=1.5V
Tc=25
°C
1.8V
2.0V
2.5V
3.5V
RDS(on) -- VGS
RDS(on) -- Tc
IS -- VSD
SW Time -- ID
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
Drain Current, ID -- A
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Diode Forward Voltage, VSD -- V
| yfs | -- I
D
Ciss, Coss, Crss -- VDS
050
10
20
30
40
IT16437
IT16436
IT16435
0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
7
5
3
2
IT16434
f=1MHz
Coss
Crss
0.1
1.0
2
23
5
23
57
10
35 7
100
7
VGS=0V
100
1000
1.0
3
2
5
7
3
2
5
7
10
3
2
5
7
0.1
1.0
23
5 7
7
23
5
100
VDD=30V
VGS=4.5V
td(off)
tf
td(on)
tr
IT16432
01
0
10
60
8
24
36
57
40
50
20
30
Tc=25
°C
ID=5A
2
0.1
7
5
3
2
10
23
5 7
Ciss
Tc=
--25
°C
75
°C
25
°C
1.0
7
5
3
2
10
100
7
5
3
2
1.0
7
5
3
2
10
7
5
3
100
7
5
3
2
10
1000
100
10000
7
5
7
5
3
2
3
2
7
5
3
2
18A
VDS=10V
IT16433
--60 --40 --20
0
20
40
60
80
100 120 140 160
0
60
10
50
40
30
20
V GS
=2.5V
, I D
=9A
V GS
=4.5V
, I D
=18A
9A
V GS
=1.8V
, I D
=5A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com