Electronic Components Datasheet Search
  English  ▼

X  

MT9172AC Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT9172AC
Description  ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9172AC Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT9172AC Datasheet HTML 1Page - Mitel Networks Corporation MT9172AC Datasheet HTML 2Page - Mitel Networks Corporation MT9172AC Datasheet HTML 3Page - Mitel Networks Corporation MT9172AC Datasheet HTML 4Page - Mitel Networks Corporation MT9172AC Datasheet HTML 5Page - Mitel Networks Corporation MT9172AC Datasheet HTML 6Page - Mitel Networks Corporation MT9172AC Datasheet HTML 7Page - Mitel Networks Corporation MT9172AC Datasheet HTML 8Page - Mitel Networks Corporation MT9172AC Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MT9171/72
Advance Information
9-134
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
22
24
28
11
2
LOUT
Line Out. Transmit Signal output (Analog). Referenced to VBias.
22
3
VBias
Internal Bias Voltage output. Connect via 0.33 µF decoupling capacitor to VDD.
33
4
VRef
Internal Reference Voltage output. Connect via 0.33 µF decoupling capacitor to
VDD.
4,5,
6
4,5,
6
5,7,
8
MS2-MS0 Mode Select inputs (Digital). The logic levels present on these pins select the
various operating modes for a particular application. See Table 1 for the
operating modes.
77
9
RegC
Regulator Control output (Digital). A 512 kHz clock used for switch mode power
supplies. Unused in MAS/MOD mode and should be left open circuit.
89
10
F0/CLD
Frame Pulse/C-Channel Load (Digital). In DN mode a 244 ns wide negative
pulse input for the MASTER indicating the start of the active channel times of the
device. Output for the SLAVE indicating the start of the active channel times of
the device. Output in MOD mode providing a pulse indicating the start of the C-
channel.
9
10
12
CDSTi/
CDi
Control/Data ST-BUS In/Control/Data In (Digital). A 2.048 Mbit/s serial control
& signalling input in DN mode. In MOD mode this is a continuous bit stream at
the bit rate selected.
10
11
13
CDSTo/
CDo
Control/Data ST-BUS Out/Control/Data Out (Digital). A 2.048 Mbit/s serial
control & signalling output in DN mode. In MOD mode this is a continuous bit
stream at the bit rate selected.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
22
21
20
19
18
17
16
15
22 PIN PDIP/CERDIP
LOUT
VBias
VRef
MS2
MS1
MS0
RegC
F0/CLD
CDSTi/CDi
CDSTo/CDo
VSS
VDD
LIN
TEST
LOUT DIS
Precan
OSC1
OSC2
C4/TCK
F0o/RCK
DSTi/Di
DSTo/Do
28 PIN PLCC
5
6
7
8
9
10
11
25
24
23
22
21
20
19
•
NC
LOUT DIS
Precan
OSC1
OSC2
NC
C4/TCK
MS2
NC
MS1
MS0
RegC
F0/CLD
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
24
23
22
21
20
19
18
17
24 PIN SSOP
LOUT
VBias
VRef
MS2
MS1
MS0
RegC
F0/CLD
CDSTi/CDi
CDSTo/CDo
VSS
NC
VDD
LIN
TEST
LOUT DIS
Precan
OSC1
OSC2
C4/TCK
F0o/RCK
DSTi/Di
DSTo/Do
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com