Electronic Components Datasheet Search
  English  ▼

X  

ATP404 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ATP404
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ATP404 Datasheet(HTML) 4 Page - ON Semiconductor

  ATP404 Datasheet HTML 1Page - ON Semiconductor ATP404 Datasheet HTML 2Page - ON Semiconductor ATP404 Datasheet HTML 3Page - ON Semiconductor ATP404 Datasheet HTML 4Page - ON Semiconductor ATP404 Datasheet HTML 5Page - ON Semiconductor ATP404 Datasheet HTML 6Page - ON Semiconductor ATP404 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ATP404
No. A1405-4/7
A S O
VGS -- Qg
PD -- Tc
Total Gate Charge, Qg -- nC
Drain-to-Source Voltage, VDS -- V
Case Temperature, Tc --
°C
EAS -- Ta
Ambient Temperature, Ta --
°C
0
0
25
50
75
100
125
150
100
80
60
20
40
120
175
IT10478
IT14385
0
0
1
2
3
4
5
6
7
8
150
50
100
10
9
VDS=30V
ID=95A
0
IT14387
0
0
20
40
60
10
20
50
70
60
30
40
80
100
120
80
140
160
2
3
2
3
5
5
7
2
0.01
0.1
3
5
7
2
1.0
2
3
5
7
10
2
23
5 7
2
3
5 7
0.1
1.0
35 7 10
100
IT14386
Operation in this area
is limited by RDS(on).
10μs
100
μs
ID=95A
IDP=380A
DC
operation
1ms
10ms
100ms
3
5
7
7
100
1000
PW
≤10μs
Tc=25
°C
Single pulse



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com