Electronic Components Datasheet Search
  English  ▼

X  

ATP405 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ATP405
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ATP405 Datasheet(HTML) 3 Page - ON Semiconductor

  ATP405 Datasheet HTML 1Page - ON Semiconductor ATP405 Datasheet HTML 2Page - ON Semiconductor ATP405 Datasheet HTML 3Page - ON Semiconductor ATP405 Datasheet HTML 4Page - ON Semiconductor ATP405 Datasheet HTML 5Page - ON Semiconductor ATP405 Datasheet HTML 6Page - ON Semiconductor ATP405 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ATP405
No. A1458-3/7
| yfs | -- I
D
RDS(on) -- VGS
RDS(on) -- Tc
ID -- VDS
ID -- VGS(off)
IS -- VSD
SW Time -- ID
Drain-to-Source Voltage, VDS -- V
Cutoff Voltage, VGS(off) -- V
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
Drain Current, ID -- A
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Diode Forward Voltage, VSD -- V
Ciss, Coss, Crss -- VDS
IT14607
IT14604
--50
--25
150
030
10
15
20
25
5
1000
2
IT14611
IT14609
IT14608
0.1
1.0
23
5 7
100
1.2
1.0
0.6
0.4
0.8
0.2
0
0.001
0.01
5
7
3
2
5
7
3
2
5
7
3
2
5
7
3
2
5
7
3
2
2
0.1
1.0
10
100
7
3
10
1.0
7
5
5
2
3
7
5
2
2
10000
2
10
35 7
100
57
23
0.1
1.0
23
5 7
2
10
35 7
7
5
23
0
25
50
75
100
125
3
5
7
3
5
7
100
7
2
Tc=
--25
°C
25
°C
75
°C
VDS=10V
Ciss
Crss
IT14610
10
100
2
3
5
7
1000
2
3
5
7
td(off)
VDD=60V
VGS=10V
f=1MHz
tr
0.5
1.0
3.0
2.0
1.5
2.5
0
0
10
80
70
50
60
40
30
20
10
70
50
60
40
30
20
1.0
2.0
5.0
4.0
3.0
0.5
1.5
3.5
2.5
4.5
0
0
10
80
70
50
60
40
30
20
IT14606
24
6
8
10
35
7
9
0
10
70
50
60
40
30
20
0
IT14605
Tc=25
°C
VGS=4.0V
VDS=10V
tf
V GS
=10V
, I D
=20A
8.0V
Coss
td(on)
4.5V
6.0V
--25
°C
25
°C
Tc=75
°C
Single pulse
ID=20A
Single pulse
VGS=0V
Single pulse



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com