Electronic Components Datasheet Search
  English  ▼

X  

BMS4007 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BMS4007
Description  N-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BMS4007 Datasheet(HTML) 2 Page - ON Semiconductor

  BMS4007 Datasheet HTML 1Page - ON Semiconductor BMS4007 Datasheet HTML 2Page - ON Semiconductor BMS4007 Datasheet HTML 3Page - ON Semiconductor BMS4007 Datasheet HTML 4Page - ON Semiconductor BMS4007 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BMS4007
No. A1820-2/5
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
75
V
Zero-Gate Voltage Drain Current
IDSS
VDS=75V, VGS=0V
10
μA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
24
V
Forward Transfer Admittance
| yfs |
VDS=10V, ID=30A
110
S
Static Drain-to-Source On-State Resistance
RDS(on)
ID=30A, VGS=10V
6
7.8
mΩ
Input Capacitance
Ciss
VDS=20V, f=1MHz
9700
pF
Output Capacitance
Coss
540
pF
Reverse Transfer Capacitance
Crss
360
pF
Turn-ON Delay Time
td(on)
See Fig.2
100
ns
Rise Time
tr
180
ns
Turn-OFF Delay Time
td(off)
460
ns
Fall Time
tf
160
ns
Total Gate Charge
Qg
VDS=48V, VGS=10V, ID=60A
160
nC
Gate-to-Source Charge
Qgs
40
nC
Gate-to-Drain “Miller” Charge
Qgd
40
nC
Diode Forward Voltage
VSD
IS=60A, VGS=0V
0.9
1.2
V
Reverse Recovery Time
trr
See Fig.3
IS=60A, VGS=0V, di/dt=100A/μs
70
ns
Reverse Recovery Charge
Qrr
183
nC
Fig.1 Avalanche Resistance Test Circuit
Fig.2 Switching Time Test Circuit
Fig.3 Reverse Recovery Time Test Circuit
50Ω
10V
0V
≥50Ω
VDD
L
BMS4007
G
S
D
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID=30A
RL=1.6Ω
VDD=48V
VOUT
BMS4007
VIN
10V
0V
VIN
VDD
BMS4007
L
Driver MOSFET
G
S
D



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com