Electronic Components Datasheet Search
  English  ▼

X  

MT91L60AS Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT91L60AS
Description  ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT91L60AS Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT91L60AS Datasheet HTML 1Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 2Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 3Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 4Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 5Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 6Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 7Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 8Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
7-107
®
Features
•
Single 2.7-3.6 volt supply operation
•
Programmable
µ-Law/A-Law Codec and Filters
•
Programmable ITU-T (G.711)/sign-magnitude
coding
•
Programmable transmit, receive and side-tone
gains
•
Fully differential interface to handset
transducers - including 300 ohm receiver driver
•
Flexible digital interface including ST-BUS/SSI
•
Serial microport
•
Single 3 volt supply
•
Low power operation
•
ITU-T G.714 compliant
•
Multiple power down modes
Applications
•
Battery operated equipment
•
Digital telephone sets
•
Cellular radio sets
•
Local area communications stations
•Pair Gain Systems
•
Line cards
Description
The MT91L60 3V Multi-featured Codec incorporates
a
built-in
Filter/Codec,
gain
control
and
programmable sidetone path as well as on-chip
anti-alias filters, reference voltage and bias source.
The device supports both
A-Law and
µ-Law
requirements.
The MT91L60 is a true 3V device
employing a fully differential architecture to ensure
wide dynamic range.
Complete telephony interfaces are provided for
connection to handset transducers. Internal register
access
is provided
through a
serial microport
compatible
with
various
industry
standard
micro-controllers.
The MT91L60 is fabricated in Mitel's ISO2-CMOS
technology ensuring low power consumption and
high reliability.
Ordering Information
MT91L60AE
24 Pin Plastic DIP
MT91L60AS
20 Pin SOIC
-40°C to +85°C
Figure 1 - Functional Block Diagram
M -
M +
HSPKR +
HSPKR -
FILTER/CODEC GAIN
ENCODER
DECODER
7dB
-7dB
Transducer
Interface
Flexible
Digital
Interface
Timing
ST-BUS
C & D
Channels
Serial Microport
A/
µ/IRQ
VSSD
VDD
VSSA
VBias
VRef
Din
Dout
STB/F0i
CLOCKin
PWRST
IC
CS
DATA1
DATA2
SCLK
ISSUE 1
May 1995
MT91L60
3 Volt Multi-Featured Codec (MFC)
ISO2-CMOS
Advance Information


Similar Part No. - MT91L60AS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT91L60AS MITEL-MT91L60AS Datasheet
146Kb / 32P
ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
logo
Zarlink Semiconductor I...
MT91L60AS ZARLINK-MT91L60AS Datasheet
529Kb / 33P
3 Volt Multi-Featured Codec (MFC)
MT91L60ASR ZARLINK-MT91L60ASR Datasheet
529Kb / 33P
3 Volt Multi-Featured Codec (MFC)
More results

Similar Description - MT91L60AS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8960 MITEL-MT8960 Datasheet
324Kb / 22P
ISO2-CMOS Integrated PCM Filter Codec
MT9160 MITEL-MT9160 Datasheet
402Kb / 28P
ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT9160B MITEL-MT9160B Datasheet
13Kb / 2P
ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT9161B MITEL-MT9161B Datasheet
154Kb / 30P
ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT9162 MITEL-MT9162 Datasheet
83Kb / 17P
ISO2-CMOS 5 Volt Single Rail Codec
MT91L61 MITEL-MT91L61 Datasheet
146Kb / 32P
ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
MT91L62 MITEL-MT91L62 Datasheet
79Kb / 17P
ISO2-CMOS 3 Volt Single Rail Codec
logo
Zarlink Semiconductor I...
MT9161B ZARLINK-MT9161B Datasheet
422Kb / 30P
5 Volt Multi-Featured Codec (MFC)
MT91L61 ZARLINK-MT91L61 Datasheet
529Kb / 33P
3 Volt Multi-Featured Codec (MFC)
MT91L62 ZARLINK-MT91L62 Datasheet
405Kb / 19P
3 Volt Single Rail Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com