Electronic Components Datasheet Search
  English  ▼

X  

NRVTSA4100 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NRVTSA4100
Description  Schottky Rectif
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVTSA4100 Datasheet(HTML) 3 Page - ON Semiconductor

  NRVTSA4100 Datasheet HTML 1Page - ON Semiconductor NRVTSA4100 Datasheet HTML 2Page - ON Semiconductor NRVTSA4100 Datasheet HTML 3Page - ON Semiconductor NRVTSA4100 Datasheet HTML 4Page - ON Semiconductor NRVTSA4100 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTSA4100, NRVTSA4100
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Typical Instantaneous Forward
Characteristics
Figure 2. Maximum Instantaneous Forward
Characteristics
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
1.0
0.8
0.6
0.4
0.2
0
0.1
1
10
100
0.8
0.6
0.2
0
0.1
1
10
100
Figure 3. Typical Reverse Characteristics
Figure 4. Maximum Reverse Characteristics
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
90
70
60
50
40
30
20
10
100
80
70
50
30
20
10
Figure 5. Typical Junction Capacitance
VR, REVERSE VOLTAGE (V)
0.1
10
100
1000
80
100
1.E−06
1.E−05
1.E−04
1.E−03
1.E−01
40
60
1.E−04
1.E−03
1.E−02
10
100
TA = 85°C
TA = −55°C
TA = 25°C
TA = 85°C
TA = 125°C
TA = −55°C
TA = 25°C
TA = 125°C
TA = 25°C
Figure 6. Current Derating
TC, LEAD TEMPERATURE (°C)
80
60
120
20
0
0
1
2
4
6
40
100
Square Wave
DC
RqJL = 16.2°C/W
TJ = 25°C
0.4
90
TA = 125°C
TA = 150°C
TA = 85°C
1
1.0
TA = 125°C
TA = 25°C
TA = 150°C
TA = 85°C
1.E−05
3
5
TA = 150°C
TA = 150°C
1.2
1.E−07
1.E−02
1.E−01
1.E−06
140
7
8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com