Electronic Components Datasheet Search
  English  ▼

X  

P2811B Datasheet(PDF) 4 Page - ON Semiconductor

Part # P2811B
Description  Low Power EMI Reduction IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P2811B Datasheet(HTML) 4 Page - ON Semiconductor

  P2811B Datasheet HTML 1Page - ON Semiconductor P2811B Datasheet HTML 2Page - ON Semiconductor P2811B Datasheet HTML 3Page - ON Semiconductor P2811B Datasheet HTML 4Page - ON Semiconductor P2811B Datasheet HTML 5Page - ON Semiconductor P2811B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
P2811A/B and P2812A/B and P2814A/B
.
Rev. 2 | Page 4 of 6 | www.onsemi.com
Operating Conditions
Symbol
Parameter
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating temperature
-40
+85
°C
CL
Load Capacitance
15
pF
CIN
Input Capacitance
7
pF
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS – 0.3
0.8
V
VIH
Input high voltage
2
VDD + 0.3
V
IIL
Input low current
(Inputs D_C, SRS and FRS are pulled high internally)
-50
µA
IIH
Input high current
50
µA
IXOL
XOUT Output low current
(VXOL@ 0.4V, VDD = 3.3V)
3
mA
IXOH
XOUT Output high current
(VXOH@ 2.5V, VDD = 3.3V)
3
mA
VOL
Output low voltage (VDD = 3.3V, IOL = 15mA)
0.4
V
VOH
Output high voltage (VDD = 3.3V, IOH = -15mA)
2.5
V
ICC
Dynamic supply current (Unloaded Output)
8
24
mA
IDD
Static supply current , Standby mode
(CLKIN pulled to GND)
4.5
mA
VDD
Operating voltage
3.0
3.3
3.6
V
tON
Power up time (first locked clock cycle after power up)
500
µS
ZOUT
Clock out impedance
26
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input frequency for P2811/12/13/14 A/B
10
40
MHz
fOUT
Output frequency for P2811A/B
10
40
MHz
Output frequency for P2812A/B
20
80
MHz
Output frequency for P2814A/B
40
160
MHz
tLH
1
Output rise time (measured at 0.8V to 2.0V)
0.4
0.5
0.7
nS
tHL
1
Output fall time (measured at 2.0V to 0.8V)
0.5
0.6
0.8
nS
tJC
Cycle-to-Cycle Jitter (Unloaded Output)
±250
pS
tD
Output duty cycle
45
50
55
%
Note: 1. tLH and tHL are measured into a capacitive load of 15pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com