Electronic Components Datasheet Search
  English  ▼

X  

PDSP1601 Datasheet(PDF) 15 Page - Mitel Networks Corporation

Part # PDSP1601
Description  ALU and Barrel Shifter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP1601 Datasheet(HTML) 15 Page - Mitel Networks Corporation

Back Button PDSP1601 Datasheet HTML 9Page - Mitel Networks Corporation PDSP1601 Datasheet HTML 10Page - Mitel Networks Corporation PDSP1601 Datasheet HTML 11Page - Mitel Networks Corporation PDSP1601 Datasheet HTML 12Page - Mitel Networks Corporation PDSP1601 Datasheet HTML 13Page - Mitel Networks Corporation PDSP1601 Datasheet HTML 14Page - Mitel Networks Corporation PDSP1601 Datasheet HTML 15Page - Mitel Networks Corporation PDSP1601 Datasheet HTML 16Page - Mitel Networks Corporation PDSP1601 Datasheet HTML 17Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
PDSP1601/PDSP1601A
15
Max.
25
50
50
0
0
0
3
0
3
50
25
25
25
25
ELECTRICAL CHARACTERISTICS
Operating Conditions (unless otherwise stated)
T
AMB (Commercial) = 0°C to +70°C,
V
CC = 5.0V±5%, Ground = 0V
T
AMB (Industrial) = -40°C to +85°C,
V
CC = 5.0V±10%, Ground = 0V
T
AMB (Military) = -55°C to +125°C,
V
CC = 5.0V±10%, Ground = 0V
2 x LSTTL + 20pF
1 x LSTTL + 5pF
1 x LSTTL + 5pF
Input mode
Input mode
20pF load, SV O P mode
2 x LSTTL + 20pF
2 x LSTTL + 20pF
2 x LSTTL + 20pF
2 x LSTTL + 20pF
Min.
5
5
5
15
20
20
20
5
100
50
20
20
Conditions
Characteristic
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Min.
5
5
5
30
40
40
40
5
200
100
40
40
PDSP1601
Value
Units
Max.
40
100
100
0
0
0
3
0
3
100
40
40
40
40
PDSP1601A
Switching Characteristics
Value
Typ.
5
Characteristic
Output high voltage
Output low voltage
Input high voltage
Input low voltage
Input leakage current
Vcc current
Output leakage current
Output S/C current
Input capacitance
Min.
2.4
3.5
-10
-50
12
Max.
0.4
0.5
+10
60
+50
80
Conditions
I
OH = 8mA
I
OL = -8mA
GND < V
IN < VCC
T
amb = -40°C to +85°C
GND < V
OUT < VCC
V
CC = Max
Units
V
V
V
V
µA
mA
µA
mA
pF
Symbol
V
OH
V
OL
V
IH
V
IL
I
IL
I
CC
I
OZ
I
SC
C
IN
Static Characteristics
CLK rising edge to C-PORT
CLK rising edge to CO
CLK rising edge to BFP
Setup
CEA or CEB to CLK rising edge
Hold
CEA or CEB after CLK rising edge
Setup A or B port inputs to CLK rising edge
Hold A or B port inputs after CLK rising edge
Setup MSA0-1, MSB, MSS, MSC, RA2-0, RS0-2, IA0-4,
IS0-3, to CLK rising edge
Hold RS0-2, IA0-4 after CLK rising edge
Hold IS0-3 after CLK rising edge
Hold MSA0-1, MSB, MSS, MSC, RA0-2 after CLK rising edge
Setup SV to CLK rising edge
Hold SV after CLK rising edge
CLK rising edge to SV
OE
C-PORT
Z
OE
C-PORT
Z
OE
C-PORT Z
OE
C-PORT Z
Clock period (ALU & Barrel Shifter, serial mode)
Clock period (ALU & Barrel Shifter, parallel mode)
Clock high time
Clock low time
NOTES
1.
LSTTL is equivalent to IOH at 20
µA IOL of -0.4mA
2.
Current is defined as negative into the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com