Electronic Components Datasheet Search
  English  ▼

X  

PDSP16256 Datasheet(PDF) 24 Page - Mitel Networks Corporation

Part # PDSP16256
Description  Programmable FIR Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16256 Datasheet(HTML) 24 Page - Mitel Networks Corporation

Back Button PDSP16256 Datasheet HTML 20Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 21Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 22Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 23Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 24Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 25Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 26Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 27Page - Mitel Networks Corporation PDSP16256 Datasheet HTML 28Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
PDSP16256
24
Pin
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
Pin
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
Voltage
N/C
N/C
N/C
N/C
15·0V
N/C
N/C
0V
N/C
N/C
N/C
N/C
N/C
N/C
N/C
0V
N/C
N/C
N/C
15·0V
N/C
N/C
N/C
N/C
15·0V
N/C
N/C
0V
N/C
N/C
N/C
N/C
N/C
N/C
N/C
0V
N/C
N/C
N/C
15·0V
0V
N/C
N/C
Voltage
15·0V
0V
15·0V
N/C
15·0V
0V
0V
0V
0V
0V
0V
0V
0V
0V
15·0V
15·0V
15·0V
15·0V
15·0V
15·0V
15·0V
15·0V
15·0V
0V
0V
0V
0V
0V
0V
0V
15·0V
15·0V
15·0V
15·0V
15·0V
15·0V
0V
15·0V
15·0V/180k
15·0V/180k
15·0V
0V
0V/180k
Pin
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
129
Voltage
15·0V/180k
0V
0V
15·0V
0V
15·0V
15·0V
RESET
CLOCK
0V
15·0V
15·0V
15·0V
0V/180k
0V/180k
0V/180k
0V/180k
0V/180k
15·0V
15·0V/180k
15·0V/180k
0V
15·0V/180k
N/C
N/C
N/C
0V
N/C
N/C
N/C
N/C
N/C
15·0V
N/C
N/C
N/C
N/C
N/C
N/C
N/C
0V
N/C
15·0V
Pin
130
131
132
133
134
135
136
137
138
139
140
141
142
143
144
145
146
147
148
149
150
151
152
153
154
155
156
157
158
159
160
161
162
163
164
165
166
167
168
169
170
171
172
Voltage
0V
N/C
0V/180k
15·0V
0V/180k
0V/180k
0V/180k
0V/180k
0V/180k
0V/180k
0V
0V/180k
0V/180k
15·0V
0V/180k
0V/180k
0V/180k
0V/180k
0V/180k
0V/180k
0V
0V/180k
15·0V/180k
15·0V/180k
15·0V/180k
15·0V/180k
15·0V/180k
15·0V/180k
15·0V/180k
0V
15·0V/180k
15·0V/180k
15·0V/180k
15·0V
15·0V/180k
15·0V/180k
15·0V/180k
15·0V/180k
15·0V/180k
0V
15·0V/180k
15·0V
0V
Table 10 Life test/burn-in connections for PDSP16256 MC GC1R (QFP). NOTE: PDA is 5% and based on
groups 1 and 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com