Electronic Components Datasheet Search
  English  ▼

X  

PDSP16318A Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # PDSP16318A
Description  PDSP16256GC1R
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16318A Datasheet(HTML) 6 Page - Mitel Networks Corporation

  PDSP16318A Datasheet HTML 1Page - Mitel Networks Corporation PDSP16318A Datasheet HTML 2Page - Mitel Networks Corporation PDSP16318A Datasheet HTML 3Page - Mitel Networks Corporation PDSP16318A Datasheet HTML 4Page - Mitel Networks Corporation PDSP16318A Datasheet HTML 5Page - Mitel Networks Corporation PDSP16318A Datasheet HTML 6Page - Mitel Networks Corporation PDSP16318A Datasheet HTML 7Page - Mitel Networks Corporation PDSP16318A Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PDSP16318/16318A
6
Min.
100
20
20
8
2
10
8
2
2
8
5
-
-
-
-
-
Max.
-
-
-
-
-
-
-
-
-
-
30
30
30
30
110
60
Min.
50
15
15
5
2
10
5
2
2
8
5
-
-
-
-
-
ELECTRICAL CHARACTERISTICS
Test conditions (unless otherwise stated):
T
amb
(Commercial) = 0
°C to +70°C, VCC = 5.0V ± 5%, GND = 0V
T
amb
(Industrial) =-40
°C to +85°C, VCC = 5.0V ± 10%, GND = 0V
T
amb
(Military) =-55
°C to +125°C, VCC = 5.0V ± 10%, GND = 0V
STATIC CHARACTERISTICS
Value
Characteristic
Symbol
Units
Conditions
Min.
Typ.
Max.
Output high voltage
V
OH
2.4
-
V
IOH = 3.2mA
Output low voltage
V
OL
-
0.4
V
lOL=-3.2mA
Input high voltage
V
IH
3.5
-
V
Input low voltage
V
IL
-
0.5
V
Input leakage current
I
IL
-10
+10
µA
GND < V
IN<VCC
Output leakage current
l
oz
-50
-
+50
µA
GND <V
OUT < VCC
Output SC current
I
OS
20
-
200
mA
V
cc = Max
Input capacitance
C
IN
-
9
-
pF
Max.
-
-
-
-
-
-
-
-
-
-
40
40
40
40
70
30
Characteristic
Clock period
Clock High Time
Clock Low Time
A15:0, B15:0 setup to clock rising edge
A15:0, B15:0 hold after clock rising edge
MS, S2:0, ASI setup to clock rising edge
DEL, ASR,
CLR setup to clock rising edge
DEL, ASR,
CLR, MS, S2:0, ASI hold after
clock rising edge
CEA, CEB setup to clock falling edge
CEA, CEB hold after clock rising edge
Clock rising edge to OVR, C15:0, D15:0
OEC/OED low to C15:0/D15:0 high data valid
OEC/OED low to C15:0/D15:0 low data valid
OEC/OED high to C15:0/D15:0 high impedance
Vcc current
Vcc current
Conditions
2 x LSTTL + 20pF
2 x LSTTL + 20pF
2 x LSTTL + 20pF
2 x LSTTL + 20pF
VCC = max,
TTL input levels
Outputs unloaded,
fCLK = max
VCC = max,
CMOS input levels
Outputs unloaded,
fCLK = max
SWITCHING CHARACTERISTICS
Units
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
mA
mA
PDSP16318
PDSP16318A
Value
Industrial
Value
Military
NOTES
1.
LSTTL is equivalent to I
OH = 20 microamps, IOL = -0.4mA
2.
Current is defined as negative into the device
3.
CMOS input levels are defined as:
V
IL = 0.5
V
IH = VDD - 0.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com