Electronic Components Datasheet Search
  English  ▼

X  

PDSP16350 Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # PDSP16350
Description  I/Q Splitter/NCO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16350 Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button PDSP16350 Datasheet HTML 2Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 3Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 4Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 5Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 6Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 7Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 8Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 9Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PDSP16350
6
A practical example can be used to illustrate the calcula-
tion. With a clock frequency of 10.73864 MHz, and the need
to generate an output frequency of 20 kHz, then the above
equation tells us we need a DIN value of 31996359. This
corresponds to a binary value of:
DIN33:0 = 00 0000 0001 1110 1000 0011 1001 1100 0111
The resolution would be 0.0006 Hz. It should be noted that
the accuracy of the PDSP16350 cannot be any better than the
accuracy of the incoming clock, and these resolutions are
based on perfect incoming waveforms.
Fixed Frequency, Modulated Amplitude
The MODE pin should be high if modulation of the output
waveforms is required. In this mode each of the output
waveforms is multiplied by the 16 bit, two’s complement,
value, present on the most significant 16 bits of the DIN port.
The phase increment register is normally loaded with the 18
bit value on the least significant portion of the DIN bus. It is also
possible to load the full 34 bits of the phase increment register
when greater accuracy is required, this is explained below.
When using the full 34 bits it is possible to obtain the same
frequency resolution as in the fixed amplitude mode described
earlier. When using 18 bit accuracy directly from the DIN bus
the correct phase increment value can be calculated as
follows :
Desired O/P Frequency
DIN value =
x 218
Clock Frequency
The frequency resolution is correspondingly reduced and
given by :
Clock Frequency
Resolution =
Hz
218
USING THE PDSP16350
Frequency, phase, and amplitude modulation are all pos-
sible with the PDSP16350. The former two requirements are
satisfied by the ability to change the phase increment value on
every clock cycle. The latter needs the addition of two multipli-
ers, which allow both sine and cosine to be modified by an
incoming waveform.
Fixed Frequency, Constant Amplitude
To generate sine and cosine outputs at a fixed frequency,
the MODE pin should be tied low, see Fig. 3. The phase
increment value required to generate the desired frequency
should be clocked into the internal phase increment register.
This value is entered via the DIN port with CEN low. If CEN
subsequently goes inactive (high), the value need not be
maintained on the input pins.
The correct phase increment value can be calculated as
follows :
Desired O/P Frequency
DIN value =
x 234
Clock Frequency
This will give a decimal value which must be converted to
a 34 bit binary number. The frequency resolution of the
generated waveforms will be :
Clock Frequency
Resolution =
Hz
234
With a 20 MHz clock this results in a frequency resolution
of 0.001 Hz. This can be improved by reducing the clock
frequency, with the Nyquist restraint being the limiting factor.
The latter states that the frequency of the generated waveform
must be no more than 50% of the input clock. In practice 40%
is a better limit to use, as previously discussed.
Fig. 4 Amplitude Modulation (18bit frequency accuracy)
1
2
3
4
5
CLK
RESET
DATA IN
RESULT
30
31
32
33
34
35
A
B
A
B
Device Reset
Apply first data
First Result Available
C
D
C
D
JUMP
MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com