Electronic Components Datasheet Search
  English  ▼

X  

NCE2011E Datasheet(PDF) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE2011E
Description  NCE N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE2011E Datasheet(HTML) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE2011E Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2011E Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2011E Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2011E Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2011E Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2011E Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2011E Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Wuxi NCE Power Semiconductor Co., Ltd
Page
v1.0
1
NCE2011E
Pb Free Product
http://www.ncepower.com
NCE N-Channel Enhancement Mode Power MOSFET
Description
The NCE2011E uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with gate
voltages as low as 2.5V. This device is suitable for use as a
load switch or in PWM applications.It is ESD protested.
General Features
●
VDS = 20V,ID =11A
RDS(ON) < 7mΩ @ VGS=2.5V
RDS(ON) < 9mΩ @ VGS=4.5V
ESD Rating: 2000V HBM
●
High power and current handing capability
●
Lead free product is acquired
●
Surface mount package
Application
●
PWM application
●
Load switch
Schematic diagram
Marking and pin assignment
TSSOP-8 top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
2011E
NCE2011E
TSSOP-8
Ø330mm
12mm
3000 units
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±10
V
Drain Current-Continuous
ID
11
A
Drain Current-Pulsed
(Note 1)
IDM
44
A
Maximum Power Dissipation
PD
1.6
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
Thermal Characteristic
Thermal Resistance,Junction-to-Ambient
(Note 2)
RθJA
78
/W
℃
Electrical Characteristics (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
20
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=20V,VGS=0V
-
-
1
μA


Similar Part No. - NCE2011E

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE2010E NCEPOWER-NCE2010E Datasheet
335Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE2012 NCEPOWER-NCE2012 Datasheet
399Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
NCE2012 VBSEMI-NCE2012 Datasheet
1,005Kb / 9P
N-Channel 20-V (D-S) MOSFET
logo
Wuxi NCE Power Semicond...
NCE2013J NCEPOWER-NCE2013J Datasheet
696Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
V1.0
NCE2014ES NCEPOWER-NCE2014ES Datasheet
419Kb / 8P
NCE N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - NCE2011E

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE55H11 NCEPOWER-NCE55H11 Datasheet
376Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE75H21T NCEPOWER-NCE75H21T Datasheet
354Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0128D NCEPOWER-NCE0128D Datasheet
326Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0160S NCEPOWER-NCE0160S Datasheet
401Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE2302 NCEPOWER-NCE2302 Datasheet
306Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE3080K NCEPOWER-NCE3080K Datasheet
355Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE01H16 NCEPOWER-NCE01H16 Datasheet
369Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE70H13 NCEPOWER-NCE70H13 Datasheet
407Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1490 NCEPOWER-NCE1490 Datasheet
375Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1530KC NCEPOWER-NCE1530KC Datasheet
419Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com