Electronic Components Datasheet Search
  English  ▼

X  

PE4455 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4455
Description  TNC Male Right Angle Connector Crimp - Solder Attachment For RG174, RG316, RG188
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4455 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4455 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4455 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
TNC Male Right Angle Connector Crimp/Solder
Attachment For RG174, RG316, RG188
TNC Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
Configuration
Connector
TNC Male
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.08 [27.43]
Width/Dia., in [mm]
0.57 [14]
Height, in [mm]
0.92 [23.37]
.
Weight, lbs [g]
0.068 [30.84]
Connector
Type
TNC Male
Contact Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Delrin
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
TNC Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188 from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188 PE4455
URL: http://www.pasternack.com/tnc-male-standard-rg174-rg316-rg188-connector-pe4455-p.aspx
PE4455
PE4455 REV


Similar Part No. - PE4455

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4455 PASTERNACK-PE4455 Datasheet
320Kb / 3P
TNC Male Right Angle Connector Crimp/Solder Attachment
PE44550 PASTERNACK-PE44550 Datasheet
291Kb / 2P
7/16 DIN Female Bulkhead Connector Crimp/Solder Attachment For PE-C400, 0.400 inch, 1.161 inch DD Hole
PE44551 PASTERNACK-PE44551 Datasheet
276Kb / 2P
7/16 DIN Female Bulkhead Connector Crimp/Solder Attachment For PE-C600, LMR-600, 1.161 inch DD Hole
PE44552 PASTERNACK-PE44552 Datasheet
420Kb / 3P
N Male Connector Clamp-Non-Solder Contact Attachment for 1-2 inch Helical
PE44553 PASTERNACK-PE44553 Datasheet
215Kb / 2P
N Male Connector Clamp/Solder Attachment For 7/8 inch Helical
More results

Similar Description - PE4455

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4009 PASTERNACK-PE4009 Datasheet
284Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4393 PASTERNACK-PE4393 Datasheet
300Kb / 2P
BNC Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4681 PASTERNACK-PE4681 Datasheet
318Kb / 3P
RP TNC Male Right Angle Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4668 PASTERNACK-PE4668 Datasheet
226Kb / 2P
RP TNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44188 PASTERNACK-PE44188 Datasheet
221Kb / 3P
RT SMA Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44504 PASTERNACK-PE44504 Datasheet
260Kb / 2P
QMA Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4462 PASTERNACK-PE4462 Datasheet
300Kb / 2P
TNC Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4785 PASTERNACK-PE4785 Datasheet
0Kb / 3P
RP SMA Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44378 PASTERNACK-PE44378 Datasheet
214Kb / 3P
SSMA Male Right Angle Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE45284 PASTERNACK-PE45284 Datasheet
381Kb / 3P
QMA Male Right Angle Connector Crimp/Solder Attachment for RG174, RG316, RG188
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com