Electronic Components Datasheet Search
  English  ▼

X  

PE4458 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4458
Description  TNC Female Connector Crimp - Solder Attachment For RG58
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4458 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4458 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4458 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4458 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
TNC Female Connector Crimp/Solder Attachment For RG58
TNC Female Connector Crimp/Solder Attachment For RG58
Configuration
Connector
TNC Female
Connector Specification
MIL-STD-348A
Connector Interface Type
RG58
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.428 [36.27]
Width/Dia., in [mm]
0.59 [15]
.
Weight, lbs [g]
0.027 [12.25]
Connector
Type
TNC Female
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Female Connector Crimp/Solder Attachment For RG58 PE4458
PE4458
PE4458 REV


Similar Part No. - PE4458

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44580 PASTERNACK-PE44580 Datasheet
203Kb / 2P
75 Ohm RCA Male Right Angle Connector Compression Attachment For Mini 59, PE-B159
PE44581 PASTERNACK-PE44581 Datasheet
205Kb / 2P
75 Ohm BNC Male Right Angle Connector 75 Ohm BNC Male Right Angle Connector
PE44582 PASTERNACK-PE44582 Datasheet
373Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment for PE-B159, 1855A, Mini 59
PE44583 PASTERNACK-PE44583 Datasheet
395Kb / 3P
75 Ohm RCA Male Precision Connector Crimp - Solder Attachment for PE-B159
PE44584 PASTERNACK-PE44584 Datasheet
205Kb / 2P
75 Ohm BNC Male Precision Connector Crimp/ Solder Attachment For Mini 59, PE-B159
More results

Similar Description - PE4458

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44058 PASTERNACK-PE44058 Datasheet
207Kb / 2P
UHF Female Connector Crimp/Solder Attachment For RG58
PE4451 PASTERNACK-PE4451 Datasheet
297Kb / 3P
TNC Male Right Angle Connector Crimp/ Solder Attachment For RG58
PE44084 PASTERNACK-PE44084 Datasheet
205Kb / 2P
Mini UHF Female Connector Crimp/Solder Attachment For RG58
PE44102 PASTERNACK-PE44102 Datasheet
212Kb / 2P
MHV Female Connector Crimp/Solder Attachment For RG58
PE4151 PASTERNACK-PE4151 Datasheet
268Kb / 2P
TNC Female Bulkhead Connector Crimp/Solder Attachment For RG58, .480 inch D Hole
PE4686 PASTERNACK-PE4686 Datasheet
257Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG58
PE4738 PASTERNACK-PE4738 Datasheet
207Kb / 2P
RP BNC Female Connector Crimp/Solder Attachment For RG58
PE4070 PASTERNACK-PE4070 Datasheet
260Kb / 2P
BNC Female Connector Crimp/Solder Attachment For RG58
PE4156 PASTERNACK-PE4156 Datasheet
268Kb / 3P
TNC Male Connector Crimp - Solder Attachment For RG58
PE45065 PASTERNACK-PE45065 Datasheet
367Kb / 2P
TNC Male Connector Crimp - Solder Attachment for RG58-P, RG122
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com