Electronic Components Datasheet Search
  English  ▼

X  

PE4459 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4459
Description  TNC Female Connector Crimp - Solder Attachment For RG59, RG62
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4459 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4459 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4459 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
TNC Female Connector Crimp/Solder Attachment For RG59, RG62
Configuration
Connector
TNC Female
Connector Interface Type
RG59,RG62
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.428 [36.27]
Width/Dia., in [mm]
0.57 [14.48]
.
Weight, lbs [g]
0.027 [12.25]
Connector
Type
TNC Female
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
TNC Female Connector Crimp/Solder Attachment For RG59, RG62 from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Female Connector Crimp/Solder Attachment For RG59, RG62 PE4459
URL: http://www.pasternack.com/tnc-female-standard-rg59-rg62-connector-pe4459-p.aspx
PE4459
PE4459 REV 01
TNC Female Connector Crimp/Solder
Attachment For RG59, RG62


Similar Part No. - PE4459

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4459 PASTERNACK-PE4459 Datasheet
318Kb / 3P
TNC Female Connector Crimp/Solder Attachment
PE44590 PASTERNACK-PE44590 Datasheet
212Kb / 2P
75 Ohm Mini SMB Jack Precision Connector Crimp/ Solder Attachment For Mini 59, PE-B159
PE44591 PASTERNACK-PE44591 Datasheet
250Kb / 3P
SMA Female Bulkhead Precision Connector Solder Attachment Stub Terminal, .250 inch Diameter
PE44592 PASTERNACK-PE44592 Datasheet
247Kb / 3P
HN Male Right Angle Connector Clamp - Solder Attachment For RG14, RG217
PE44593 PASTERNACK-PE44593 Datasheet
376Kb / 3P
SMA Female Right Angle Connector Solder Attachment 2 Hole Flange Mount Pin Terminal, .481 inch Hole Spacing
More results

Similar Description - PE4459

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4308 PASTERNACK-PE4308 Datasheet
246Kb / 2P
BNC Female Connector Crimp/Solder Attachment For RG59, RG62
PE44110 PASTERNACK-PE44110 Datasheet
271Kb / 3P
MHV Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62
PE4688 PASTERNACK-PE4688 Datasheet
301Kb / 2P
RP TNC Female Connector Clamp/Solder Attachment For RG59, RG62
PE4071 PASTERNACK-PE4071 Datasheet
251Kb / 2P
TNC Male Connector Crimp/Solder Attachment For RG59, RG62
PE4687 PASTERNACK-PE4687 Datasheet
285Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG59, RG62
PE4739 PASTERNACK-PE4739 Datasheet
252Kb / 2P
RP BNC Female Connector Crimp/Solder Attachment For RG59, RG62
PE4326 PASTERNACK-PE4326 Datasheet
215Kb / 2P
SMA Female Connector Crimp - Solder Attachment For RG59, RG62
PE4453 PASTERNACK-PE4453 Datasheet
209Kb / 2P
TNC Male Right Angle Connector Crimp - Solder Attachment For RG59, RG62
PE4460 PASTERNACK-PE4460 Datasheet
354Kb / 3P
75 Ohm TNC Female Connector Clamp - Solder Attachment for RG59, RG62
PE44103 PASTERNACK-PE44103 Datasheet
220Kb / 2P
MHV Female Connector Crimp/Solder Attachment For RG59, RG62
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com