Electronic Components Datasheet Search
  English  ▼

X  

PE4460 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4460
Description  75 Ohm TNC Female Connector Clamp - Solder Attachment for RG59, RG62
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4460 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4460 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4460 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4460 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
TNC Female
Connector Specification
MIL-STD-348A
Connector Interface Type
RG59, RG62
Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range
DC to 1,000 MHz
Impedance
75 Ohms
Maximum VSWR
1.3:1
Maximum Operating Voltage
500 Volts
Mechanical Specifications
Temperature
Operating Range
-65 to +165 deg C
Size
Length
1.125 in [28.58 mm]
Width/Dia.
0.57 in [14.48 mm]
.
Weight
0.041 lbs [18.6 g]
Connector
Type
TNC Female
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Hex Size
1/2 in
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/18/2012
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm TNC Female Connector Clamp/Solder Attachment for RG59, RG62 PE4460
PE4460
PE4460 REV 1.0
75 Ohm TNC Female Connector Clamp/
Solder Attachment for RG59, RG62


Similar Part No. - PE4460

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4460 PASTERNACK-PE4460 Datasheet
319Kb / 3P
TNC Female Connector Clamp/Solder Attachment
PE44600 PASTERNACK-PE44600 Datasheet
237Kb / 3P
QN Male Right Angle Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PE44601 PASTERNACK-PE44601 Datasheet
237Kb / 3P
QN Male Right Angle Connector Crimp - Solder Attachment For RG58, RG141, RG303
PE44602 PASTERNACK-PE44602 Datasheet
208Kb / 2P
QN Male Right Angle Connector Crimp/ Solder Attachment For RG213, RG215
PE44603 PASTERNACK-PE44603 Datasheet
209Kb / 2P
QN Male Right Angle Connector Crimp - Solder Attachment For RG214, RG225
More results

Similar Description - PE4460

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4203 PASTERNACK-PE4203 Datasheet
263Kb / 2P
75 Ohm SMB Plug Connector Clamp/ Solder Attachment For RG59, RG62
PE4258 PASTERNACK-PE4258 Datasheet
272Kb / 3P
75 Ohm SMC Plug Connector Clamp/Solder Attachment For RG59, RG62
PE4688 PASTERNACK-PE4688 Datasheet
301Kb / 2P
RP TNC Female Connector Clamp/Solder Attachment For RG59, RG62
PE4962 PASTERNACK-PE4962 Datasheet
260Kb / 2P
C Female Connector Clamp/Solder Attachment For RG59, RG62
PE4272 PASTERNACK-PE4272 Datasheet
207Kb / 2P
75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG59, RG62
PE4274 PASTERNACK-PE4274 Datasheet
207Kb / 2P
75 Ohm SMC Jack Connector Clamp/Solder Attachment For RG59, RG62
PE4154 PASTERNACK-PE4154 Datasheet
225Kb / 3P
TNC Male Connector Clamp/Solder Attachment For RG59, RG62
PE4511 PASTERNACK-PE4511 Datasheet
224Kb / 3P
75 Ohm N Male Connector Clamp/Solder Attachment For RG59, RG62
PE4613 PASTERNACK-PE4613 Datasheet
222Kb / 2P
75 Ohm BNC Female Connector Clamp/ Solder Attachment For RG59
PE4459 PASTERNACK-PE4459 Datasheet
206Kb / 2P
TNC Female Connector Crimp - Solder Attachment For RG59, RG62
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com