Electronic Components Datasheet Search
  English  ▼

X  

PE44291 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44291
Description  7/16 DIN Female Connector Clamp/Solder Attachment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44291 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44291 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44291 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
7/16 DIN Female Connector Clamp/Solder Attachment
4 Hole Flange For RG213, RG214, RG8, RG9,
RG225, RG393, .975 inch Hole Spacing
7/16 DIN Female Connector Clamp/Solder Attachment 4 Hole Flange For RG213, RG214, RG8, RG9,
RG225, RG393, .975 inch Hole Spacing
Configuration
Connector
7/16 DIN Female
Connector Interface Type
RG213,RG214,RG8,RG9,RG225,RG393
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
2 [50.8]
Width/Dia., in [mm]
1.25 [32]
Height, in [mm]
1.25 [31.75]
.
Weight, lbs [g]
0.33 [149.69]
Connector
Type
7/16 DIN Female
Contact Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
7/16 DIN Female Connector Clamp/Solder Attachment 4 Hole Flange For RG213, RG214, RG8, RG9, RG225, RG393, .975
inch Hole Spacing from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF,
microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Female Connector Clamp/Solder Attachment 4 Hole Flange For RG213, RG214, RG8,
RG9, RG225, RG393, .975 inch Hole Spacing PE44291
URL: http://www.pasternack.com/7-16-female-standard-rg213-rg214-rg8-rg9-rg225-rg393-connector-pe44291-p.aspx
PE44291
PE44291 REV


Similar Part No. - PE44291

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4429 PASTERNACK-PE4429 Datasheet
317Kb / 2P
N Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4429 PASTERNACK-PE4429 Datasheet
406Kb / 3P
N Male Connector Crimp/Solder Attachment
PE44290 PASTERNACK-PE44290 Datasheet
118Kb / 1P
7/16 MALE SOLDER/CLAMP ATTACHMENT FOR RG402, PE-SR402AL & PE-SR402FL
PE44292 PASTERNACK-PE44292 Datasheet
989Kb / 2P
7/16 DIN Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44293 PASTERNACK-PE44293 Datasheet
229Kb / 3P
TNC Male Connector Crimp/Solder Attachment For PE-B400, PE-B405, PE-C400
More results

Similar Description - PE44291

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4572 PASTERNACK-PE4572 Datasheet
294Kb / 2P
7/16 DIN Female Bulkhead Connector Solder Attachment Solder Cup Terminal
PE44571 PASTERNACK-PE44571 Datasheet
369Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For 7/8 inch Annular
PE44276 PASTERNACK-PE44276 Datasheet
229Kb / 2P
7/16 DIN Male Connector Clamp/Solder Attachment For RG14, RG217
PE44277 PASTERNACK-PE44277 Datasheet
217Kb / 2P
7/16 DIN Male Connector Clamp/Solder Attachment For RG218
PE44568 PASTERNACK-PE44568 Datasheet
215Kb / 2P
7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Annular
PE44288 PASTERNACK-PE44288 Datasheet
237Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For RG14, RG217
PE44560 PASTERNACK-PE44560 Datasheet
233Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For 1/2 inch Helical
PE44561 PASTERNACK-PE44561 Datasheet
333Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For 7/8 inch Helical
PE4567 PASTERNACK-PE4567 Datasheet
401Kb / 3P
7/16 DIN Male Connector Clamp/Solder Attachment
PE4575 PASTERNACK-PE4575_16 Datasheet
322Kb / 3P
7/16 DIN Female Connector Crimp/Solder Attachment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com