Electronic Components Datasheet Search
  English  ▼

X  

PE44295 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44295
Description  FME Plug Connector Crimp/Solder Attachment For RG58
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44295 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44295 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44295 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
FME Plug Connector Crimp/Solder Attachment For RG58
FME Plug Connector Crimp/Solder Attachment For RG58
Configuration
Connector
FME Plug
Connector Interface Type
RG58
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.335 [33.91]
Width/Dia., in [mm]
0.354 [8.99]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
FME Plug
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
FME Plug Connector Crimp/Solder Attachment For RG58 from Pasternack Enterprises has same day shipment for domestic
and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: FME Plug Connector Crimp/Solder Attachment For RG58 PE44295
URL: http://www.pasternack.com/fme-plug-standard-rg58-connector-pe44295-p.aspx
PE44295
PE44295 REV


Similar Part No. - PE44295

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4429 PASTERNACK-PE4429 Datasheet
317Kb / 2P
N Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4429 PASTERNACK-PE4429 Datasheet
406Kb / 3P
N Male Connector Crimp/Solder Attachment
PE44290 PASTERNACK-PE44290 Datasheet
118Kb / 1P
7/16 MALE SOLDER/CLAMP ATTACHMENT FOR RG402, PE-SR402AL & PE-SR402FL
PE44291 PASTERNACK-PE44291 Datasheet
232Kb / 2P
7/16 DIN Female Connector Clamp/Solder Attachment
PE44292 PASTERNACK-PE44292 Datasheet
989Kb / 2P
7/16 DIN Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
More results

Similar Description - PE44295

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4194 PASTERNACK-PE4194 Datasheet
259Kb / 2P
SHV Plug Connector Crimp/Solder Attachment For RG58
PE4301 PASTERNACK-PE4301 Datasheet
247Kb / 2P
Banana Plug Connector Crimp/Solder Attachment For RG58
PE4557 PASTERNACK-PE4557 Datasheet
220Kb / 3P
SMC Plug Right Angle Connector Crimp/ Solder Attachment For RG58
PE4558 PASTERNACK-PE4558 Datasheet
200Kb / 2P
SMC Plug Connector Crimp/Solder Attachment For RG58
PE44146 PASTERNACK-PE44146 Datasheet
249Kb / 2P
FME Jack Connector Crimp/Solder Attachment For RG58
PE44243 PASTERNACK-PE44243 Datasheet
252Kb / 2P
1.0/2.3 Plug Connector Crimp/Solder Attachment For RG58
PE44297 PASTERNACK-PE44297 Datasheet
207Kb / 2P
FME Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4882 PASTERNACK-PE4882 Datasheet
216Kb / 2P
MCX Plug Right Angle Connector Crimp - Solder Attachment For RG58
PE4522 PASTERNACK-PE4522 Datasheet
245Kb / 3P
SMB Plug Right Angle Connector Crimp - Solder Attachment For RG58
PE4523 PASTERNACK-PE4523 Datasheet
258Kb / 3P
SMB Plug Connector Crimp - Solder Attachment For RG58
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com