Electronic Components Datasheet Search
  English  ▼

X  

SL1461SA Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # SL1461SA
Description  Wideband PLL FM Demodulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL1461SA Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button SL1461SA Datasheet HTML 4Page - Mitel Networks Corporation SL1461SA Datasheet HTML 5Page - Mitel Networks Corporation SL1461SA Datasheet HTML 6Page - Mitel Networks Corporation SL1461SA Datasheet HTML 7Page - Mitel Networks Corporation SL1461SA Datasheet HTML 8Page - Mitel Networks Corporation SL1461SA Datasheet HTML 9Page - Mitel Networks Corporation SL1461SA Datasheet HTML 10Page - Mitel Networks Corporation SL1461SA Datasheet HTML 11Page - Mitel Networks Corporation SL1461SA Datasheet HTML 12Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
SL1461SA
Fig.8 SL1461SA VCO centre frequency uncompensated temperature stability
479.5
478.5
477.5
476.5
475.5
–20
30
80
VCO STABILITY vs TEMP and SUPPLY
TEMP/
°C
480
479
478
477
476
55 5
4.5
4.75
5
5.25
5.5
SUPPLY (V)
Fig.9 SL1461SA AGC output voltage for differing values of AGC bias resistor
AGC
2.0
1.5
1.0
0.5
–70
–60
–50
–40
–30
–20
–10
0
VCC
VOLTAGE
RF INPUT LEVEL (dBm) UNMODULATED
OUTPUT
AGC BIAS RESISTOR 5.1K
AGC BIAS CURRENT 297 A
AGC LOAD RESISTOR 3.9K
AGC BIAS RESISTOR 10.5K
AGC BIAS CURRENT 150 A
AGC LOAD RESISTOR 4.7K
AGC BIAS RESISTOR 32K
AGC BIAS CURRENT 52 A
AGC LOAD RESISTOR 10K
= 5.0 VOLTS
APPLICATION NOTES
Capture range
Under conditions when there is no RF input signal present,
the SL1461SA may react to spurious radiation from the free
running oscillator coupling into the RF inputs. Because of the
constant phase error between the VCO input to the phase
detector and the spuriously coupled signal via the RF input, the
phase comparator will drive the control voltage to either the
bottom or the top of the range.
In such a case, the capture range will be asymmetrical
about the VCO free running frequency, since any control
voltage will only be able to tune the VCO in one direction if the
tuning voltage is already at the max or min.
This effect can be avoided by driving the RF input
differentially or achieving good common mode rejection to the
VCO signal.
The lock range is independant of the above effects and will
be symmetric about the centre of the phase detector S-curve
provided the VCO is correctly aligned.
EXAMPLE
Loop out of lock
Tuning voltage =4.3V (maximum)
frequency =520MHz (maximum
It is only possible to capture signals below this frequency since
the VCO is already at its maximum frequency.
Testing of capture range should be done with the device
operating under normal conditions. An input signal of between
-35dBm to -10dBm is suitable for such a measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com