Electronic Components Datasheet Search
  English  ▼

X  

SL1714 Datasheet(PDF) 17 Page - Mitel Networks Corporation

Part # SL1714
Description  Quadrature Downconverter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL1714 Datasheet(HTML) 17 Page - Mitel Networks Corporation

Back Button SL1714 Datasheet HTML 12Page - Mitel Networks Corporation SL1714 Datasheet HTML 13Page - Mitel Networks Corporation SL1714 Datasheet HTML 14Page - Mitel Networks Corporation SL1714 Datasheet HTML 15Page - Mitel Networks Corporation SL1714 Datasheet HTML 16Page - Mitel Networks Corporation SL1714 Datasheet HTML 17Page - Mitel Networks Corporation SL1714 Datasheet HTML 18Page - Mitel Networks Corporation SL1714 Datasheet HTML 19Page - Mitel Networks Corporation SL1714 Datasheet HTML 20Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
SL1714
ABSOLUTE MAXIMUM RATINGS
All voltages are reffered to Vee at 0V
Characteristics
Min
Max
Units
Conditions
Supply voltage, Vcc
-0.3
7
V
IFFIN &IFINB input voltage
2.5
Vp-p
IFIN & IFINB input DC offset
-0.3
Vcc+0.3
V
IOUT & QOUT DC offset
-0.3
Vcc+0.3
V
AGC DC offset
-0.3
Vcc+0.3
V
VCO1 & 2 DC offset
-0.3
Vcc+0.3
V
VCODDIS DC offset
-0.3
Vcc+0.3
V
PSCAL & PSCALB DC offset
-0.3
Vcc+0.3
Storage temperature
-55
150
°C
Junction temperature
125
°C
MP16 package thermal resistance
81
°C/W
chip to Ambient
MH16 package thermal resistance
60
°C/W
chip to Ambient
MP16 package thermal resisstance
28
°C/W
chip to case
Power consumption at 5.25V
656
mW
ESD protection
3
kV
Mil std 883 latest revision
method 3015 cat 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com