Electronic Components Datasheet Search
  English  ▼

X  

SA8282DP1S Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # SA8282DP1S
Description  Three-Phase PWM Waveform Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SA8282DP1S Datasheet(HTML) 5 Page - Mitel Networks Corporation

  SA8282DP1S Datasheet HTML 1Page - Mitel Networks Corporation SA8282DP1S Datasheet HTML 2Page - Mitel Networks Corporation SA8282DP1S Datasheet HTML 3Page - Mitel Networks Corporation SA8282DP1S Datasheet HTML 4Page - Mitel Networks Corporation SA8282DP1S Datasheet HTML 5Page - Mitel Networks Corporation SA8282DP1S Datasheet HTML 6Page - Mitel Networks Corporation SA8282DP1S Datasheet HTML 7Page - Mitel Networks Corporation SA8282DP1S Datasheet HTML 8Page - Mitel Networks Corporation SA8282DP1S Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
SA828
Register
R0
R1
R2
R3
R4
Comment
Temporary register R0
Temporary register R1
Temporary register R2
Transfers control data
Transfers initialisation data
AD1
0
0
1
1
0
Power frequency range
This sets the maximum power frequency that can be carried
within the PWM output waveforms. This would normally be set
to a value to prevent the motor system being operated outside
its design parameters.
Pulse delay time ('underlap')
For each phase of the PWM cycle there are two control
signals, one for the top switch connected to the positive
inverter DC supply and one for the bottom switch connected to
the negative inverter DC supply. In theory, the states of these
two switches are always complementary. However, due to the
finite and non-equal turn-on and turn- off times of power
devices, it is desirable when changing the state of the output
pair, to provide a short delay time during which both outputs
are off in order to avoid a short circuit through the switching
elements.
Pulse deletion time
A pure PWM sequence produces pulses which can vary in
width between 0% and 100% of the duty cycle. Therefore, in
theory, pulse widths can become infinitesimally narrow. In
practice this causes problems in the power switches due to
storage effects and therefore a minimum pulse width time is
required. All pulses shorter than the minimum specified are
deleted.
Counter reset
This facility allows the internal power frequency counter of
the SA828 to be set to zero, disabling the normal frequency
control and giving a 50% output duty cycle.
Initialisation Register Programming
The initialisation register data is loaded in 8-bit segments into
the three 8-bit temporary registers R0-R2. When all the initialisation
data has been loaded into these registers it is transferred into the
24-bit initialisation register by writing to the dummy register R4.
AD2
0
0
0
0
1
AD0
0
1
0
1
0
Table 3 SA828 register addressing
Initialisation Register Function
The 24-bit initialisation register contains parameters which,
under normal operation, will be defined during the power-up
sequence. These parameters are particular to the drive circuitry
used, and therefore changing these parameters during a PWM
cycle is not recommended. Information in this register should
only be modified while RST is active (i.e. low) so that the PWM
outputs are inhibited (low) during the updating process.
The parameters set in the initialisation register are as follows:
Carrier frequency
Low carrier frequencies reduce switching losses whereas
high carrier frequencies increase waveform resolution and can
allow ultrasonic operation.
Carrier frequency selection
The carrier frequency is a function of the externally applied
clock frequency and a division ratio
n, determined by the 3-bit
CFS word set during initialisation. The values of
n are selected
as shown in Table 4.
The carrier frequency,
fCARR, is then given by:
CFS word
Value of n
000
1
001
2
010
4
011
8
100
16
101
32
Table 4 Values of clock division ratio n
FRS2 FRS1 FRS0
X
X
CFS2 CFS2 CFS2
FREQUENCY
RANGE
SELECT WORD
FRS2 = MSB
FRS0 = LSB
DON’T
CARE
CARRIER
FREQUENCY
SELECT WORD
CFS2 = MSB
CFS0 = LSB
Fig. 6 Temporary register R1
where
k = clock frequency and n = 1, 2, 4, 8, 16 or 32 (as set
by CFS)
Power frequency range selection
Thepowerfrequencyrangeselectedheredefinesthemaximum
limit of the power frequency. The operating power frequency is
controlled by the 12-bit Power Frequency Select (PFS) word in
the control register but may not exceed the value set here.
k
512 x
n
fCARR =
MICROPROCESSOR BUS TIMING
Intel Mode (Fig. 4 and Table 1)
The address is latched by the falling edge of ALE. Data is
written from the bus into the SA828 on the rising edge of WR.
RD is not used in this mode because the registers in the SA828
are write only. However, this pin must be connected to RD (or
tied high) to enable the SA828 to select the correct interface
format.
Motorola Mode (Fig. 5 and Table 2)
The address is latched on the falling edge of the AS line. Data
is written from the bus into the SA828 (only when R/W is low) on
the falling edge of DS (providing CS is low).
CONTROLLING THE SA828
The SA828 is controlled by loading data into two 24-bit
registers via the microprocessor interface. These registers are
the initialisation register and the control register.
The initialisation register would normally be loaded before
motor operation (i.e., prior to the PWM outputs being activated)
and sets up the basic operating parameters associated with the
motor and inverter. This data would not normally be updated
during motor operation.
The control register is used to control the PWM outputs (and
hence the motor) during operation e.g., stop/start, speed,
forward/reverse etc. and would normally be loaded and changed
only after the initialisation register has been loaded.
As the MOTEL bus interface is restricted to an 8-bit wide
format, data to be loaded into either of the 24-bit registers is first
written to three 8-bit temporary registers R0, R1 and R2 before
being transferred to the desired 24-bit register. The data is
accepted (and acted upon) only when transferred to one of the
24-bit registers.
Transfer of data from the temporary registers to either the
initialisation register or the control register is achieved by a write
instruction to a dummy register. Writing to dummy register R3
results in data transfer from R0, R1 and R2 to the control
register, while writing to dummy register R4 transfers data from
R0, R1 and R2 to the initialisation register. It does not matter
what data is written to the dummy registers R3 and R4 as they
are not real registers. It is merely the write instruction to either
of these registers which is acted upon in order to load the
initialisation and control registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com