Electronic Components Datasheet Search
  English  ▼

X  

SL1914 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # SL1914
Description  Satellite Tuner Front End LNA with AGC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL1914 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  SL1914 Datasheet HTML 1Page - Mitel Networks Corporation SL1914 Datasheet HTML 2Page - Mitel Networks Corporation SL1914 Datasheet HTML 3Page - Mitel Networks Corporation SL1914 Datasheet HTML 4Page - Mitel Networks Corporation SL1914 Datasheet HTML 5Page - Mitel Networks Corporation SL1914 Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Preliminary Information
SL1914
SL1914
Satellite Tuner Front End LNA with AGC
Preliminary Information
Description
The SL1914 is a wideband LNA with AGC designed
primarily for application in satellite tuner front ends,
offering high signal handling capability with low noise
figure compatible with most common tuner input
requirements.
The SL1914 is optimised to complement the SL1925, ZIF
quadrature downconverter, integrating all the active RF
circuitry within the tuner, in a highly compact, efficient
solution, and offering a full 1-45 MS/s tuner capability.
.
Features
q
Single chip solution for satellite tuner LNA and
AGC
q
Provides for 30 dB minimum AGC
q
Low DSB NF at maximum gain
q
High signal handling at minimum gain
q
Provides differential output drive
q
ESD protection (Normal ESD handling
procedures should be observed)
Applications
q
Satellite receiver systems
q
Data communications systems
q
Master Antennae Distribution Systems
DS5137
Issue no 1.6
April 1999
Ordering Information
SL1914A/KG/MP1S
SL1914A/KG/MP1T
Figure 1 Block Diagram
RE INPUT
AGC
OUTPUT
OUTPUTB
Vcca
Vccb
Vee
2
4
6
5
1
8
3


Similar Part No. - SL1914

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL1914AKG ZARLINK-SL1914AKG Datasheet
118Kb / 9P
SATELLITE TUNER FRONT END LNA WITH AGC
SL1914AMP1S ZARLINK-SL1914AMP1S Datasheet
118Kb / 9P
SATELLITE TUNER FRONT END LNA WITH AGC
SL1914AMP1T ZARLINK-SL1914AMP1T Datasheet
118Kb / 9P
SATELLITE TUNER FRONT END LNA WITH AGC
More results

Similar Description - SL1914

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
BSFH77G04 SHARP-BSFH77G04 Datasheet
54Kb / 2P
Satellite Tuner
BSFH77G06 SHARP-BSFH77G06 Datasheet
54Kb / 2P
Satellite Tuner
BSFH77G10 SHARP-BSFH77G10 Datasheet
53Kb / 2P
Satellite Tuner
BSFH77G15 SHARP-BSFH77G15 Datasheet
54Kb / 2P
Satellite Tuner
BSFH77G34 SHARP-BSFH77G34 Datasheet
54Kb / 2P
Satellite Tuner
BSFJ77G10 SHARP-BSFJ77G10 Datasheet
57Kb / 2P
Satellite Tuner
BSFJ77G19 SHARP-BSFJ77G19 Datasheet
57Kb / 2P
Satellite Tuner
logo
Zarlink Semiconductor I...
SL1914AKG ZARLINK-SL1914AKG Datasheet
118Kb / 9P
SATELLITE TUNER FRONT END LNA WITH AGC
SL2150D ZARLINK-SL2150D Datasheet
319Kb / 16P
Cable Tuner Front End LNA with AGC
SL2150F ZARLINK-SL2150F Datasheet
932Kb / 20P
Front End Power Splitter with AGC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com