Electronic Components Datasheet Search
  English  ▼

X  

G1612 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G1612
Description  Programmable Vcom Buffer with NVM for TFT LCD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1612 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G1612 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.2
Jul 13, 2012
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G1612
Global Mixed-mode Technology
Programmable Vcom Buffer with NVM for TFT LCD
Features
Supply Operation Range : 6.5V to 18V
Rail-to-Rail Vcom Buffer:
7 Bits Adjustable Output
±100mA Output Current
±260mA Output Short-Circuit Current
20V/μs Slew Rate
2-Wire I2C Slave Mode Interface
Using One Control Pin Enable to Store Data into
Non-Volatile Memory (NVM)
Non-Volatile Memory (NVM) Store Setting (at
Least 100 Re-Write Times)
TDFN3x3-10 Package
Applications
TFT-LCD Monitors
LCD Televisions
General Description
The G1612 is the programmable Vcom buffer target
toward the needs of thin film transistor liquid crystal
display (TFT LCD). This device incorporates one
Vcom buffer and are programmed through I2C inter-
face.
The G1612 is available in the TDFN3x3-10 package.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G1612RE1U
1612
-40°C to 85°C
TDFN3X3-10
Note: RE:TDFN3X3-10
1: Bonding code
U: Tape & Reel
Pin Configuration
Typical Application Circuit
TDFN3X3-10
4
G1612
1
2
3
8
7
6
SDA
5
9
10
VCOM_ADJ
TDFN3X3-10
4
1
2
3
8
7
6
AGND
AVDD
VCOM_OUT
DGND
nWR
5
9
10
SET
DVDD
Thermal
Pad
Note: Exposed pad must be connected to AGND
SCL
AVDD
VCOM_OUT
10
Ω
10µF
AVDD
200k
Ω
200k
Ω
AGND
DGND
SET
AVDD
10µF
DVDD
4.7k
Ω
SCL
SCL
3.3V
4.7k
Ω
SDA
SDA
3.3V
4.7k
Ω
nWR
nWR
3.3V
DVDD
10µF
*
* optional
0.1µF
VCOM_ADJ
24.9k
Ω
1
6
9
8
7
3
10
5
4
2
G1612
Note: Exposed pad must be connected to AGND
TDFN3X3-10
4
G1612
1
2
3
8
7
6
SDA
5
9
10
VCOM_ADJ
TDFN3X3-10
4
1
2
3
8
7
6
AGND
AVDD
VCOM_OUT
DGND
nWR
5
9
10
SET
DVDD
Thermal
Pad
Note: Exposed pad must be connected to AGND
SCL
AVDD
VCOM_OUT
10
Ω
10µF
AVDD
200k
Ω
200k
Ω
AGND
DGND
SET
AVDD
10µF
DVDD
4.7k
Ω
SCL
SCL
3.3V
4.7k
Ω
SDA
SDA
3.3V
4.7k
Ω
nWR
nWR
3.3V
DVDD
10µF
*
* optional
0.1µF
VCOM_ADJ
24.9k
Ω
1
6
9
8
7
3
10
5
4
2
G1612
Note: Exposed pad must be connected to AGND


Similar Part No. - G1612

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1614 GMT-G1614 Datasheet
104Kb / 1P
Programmable 1211 Channel Voltage Buffers with NVM for TFT LCD
More results

Similar Description - G1612

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45041_0608 INTERSIL-ISL45041_0608 Datasheet
331Kb / 7P
TFT-LCD I2C Programmable VCOM Calibrator
August 29, 2006
ISL45041 INTERSIL-ISL45041 Datasheet
489Kb / 7P
TFT-LCD I2C Programmable VCOM Calibrator
August 12, 2010
ISL45041_1012 INTERSIL-ISL45041_1012 Datasheet
352Kb / 7P
TFT-LCD I2C Programmable VCOM Calibrator
December 17, 2010
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
278Kb / 8P
TFT-LCD I2C Programmable VCOM Calibrator
October 30, 2014
logo
Global Mixed-mode Techn...
G1620 GMT-G1620 Datasheet
133Kb / 1P
Programmable 141 Channel Voltage Buffers with NVM for TFT LCD
G1614 GMT-G1614 Datasheet
104Kb / 1P
Programmable 1211 Channel Voltage Buffers with NVM for TFT LCD
G1603 GMT-G1603 Datasheet
98Kb / 1P
Programmable 121 Channel Voltage Buffers with NVM for TFT LCD
G1606 GMT-G1606 Datasheet
71Kb / 1P
Programmable 162 Channel Voltage Buffers with NVM for TFT LCD
G1572 GMT-G1572 Datasheet
131Kb / 1P
Programmable 141 Channel Voltage Buffers with NVM for TFT LCD
logo
Renesas Technology Corp
ISL45041 RENESAS-ISL45041 Datasheet
529Kb / 8P
TFT-LCD I2C Programmable VCOM Calibrator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com